Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26WF064C Datasheet(PDF) 13 Page - Microchip Technology

Part # SST26WF064C
Description  1.8V, 64 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF064C Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST26WF064C Datasheet HTML 9Page - Microchip Technology SST26WF064C Datasheet HTML 10Page - Microchip Technology SST26WF064C Datasheet HTML 11Page - Microchip Technology SST26WF064C Datasheet HTML 12Page - Microchip Technology SST26WF064C Datasheet HTML 13Page - Microchip Technology SST26WF064C Datasheet HTML 14Page - Microchip Technology SST26WF064C Datasheet HTML 15Page - Microchip Technology SST26WF064C Datasheet HTML 16Page - Microchip Technology SST26WF064C Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
 2016-2018 Microchip Technology Inc.
DS20005430C-page 13
SST26WF064C
4.7
Configuration Register
The Configuration register is a Read/Write register that
stores a variety of configuration information. See Table
4-4 for the function of each bit in the register.
4.7.1
I/O CONFIGURATION (IOC)
The I/O Configuration (IOC) bit re-configures the I/O
pins. The IOC bit is set by writing a ‘1’ to Bit 1 of the
Configuration register. When IOC bit is ‘0’ the WP# pin
and HOLD# pin are enabled (SPI or Dual Configuration
setup). When IOC bit is set to ‘1’ the SIO2 pin and SIO3
pin are enabled (SPI Quad I/O Configuration setup).
The IOC bit must be set to ‘1’ before issuing the follow-
ing SPI commands: SQOR (6BH), SQIOR (EBH),
RBSPI (ECH), SPI Quad page program (32H), SQOR-
DTR (6DH), and SQIOR-DTR (EDH). Without setting
the IOC bit to ‘1’, those SPI commands are not valid.
The I/O configuration bit does not apply when in SQI
mode. The default at power-up for the SST26WF064C
is ‘0’.
4.7.2
BLOCK-PROTECTION VOLATILITY
STATE (BPNV)
The Block-Protection Volatility State bit indicates
whether any block has been permanently locked with
the non-Volatile Write-Lock Lock-Down register
(nVWLDR). When no bits in the nVWLDR have been
set (the default state from the factory) the BPNV bit is
`1'; when one or more bits in the nVWLDR are set to `1'
the BPNV bit will also be `0' from that point forward,
even after power-up.
4.7.3
RESET/HOLD ENABLE (RSTHLD)
The Reset/Hold Enable (RSTHLD) bit is a non-volatile
bit that configures RESET#/HOLD#/SIO3 pin to be
either Reset# pin or Hold# pin.
4.7.4
WRITE-PROTECT ENABLE (WPEN)
The Write-Protect Enable (WPEN) bit is a non-volatile
bit that enables the WP# pin.
The Write-Protect (WP#) pin and the Write-Protect
Enable (WPEN) bit control the programmable hard-
ware write-protect feature. Setting the WP# pin to low,
and the WPEN bit to ‘1’, enables Hardware write-pro-
tection. To disable Hardware write protection, set either
the WP# pin to high or the WPEN bit to ‘0’. There is
latency associated with writing to the WPEN bit. Poll
the BUSY bit in the Status register, or wait TWPEN, for
the completion of the internal, self-timed Write opera-
tion. When the chip is hardware write protected, only
Write operations to Block-Protection and Configuration
registers are disabled.See “Hardware Write Protection”
on page 8 and Table 4-1 for more information about the
functionality of the WPEN bit.
TABLE 4-4:
CONFIGURATION REGISTER
Bit
Name
Function
Default at Power-up
Read/Write (R/W)
0RES
Reserved
0
R
1
IOC
I/O Configuration
1 = WP# and RESET# or HOLD# pins disabled
0 = WP# and RESET# or HOLD# pins enabled
01
1. SST26WF064C default at Power-up is ‘0’
R/W
2RES
Reserved
0
R
3
BPNV
Block-Protection Volatility State
1 = No memory block has been permanently locked
0 = Any block has been permanently locked
1R
4RES
Reserved
0
R
5RES
Reserved
0
R
6
RSTHLD
RESET# pin or HOLD# pin Enable
1 = RESET# pin enabled
0 = HOLD# pin enabled
02
2. Factory default setting. This is a non-volatile bit; default at power-up will be the setting prior to power-down.
R/W
7
WPEN
Write-Protection Pin (WP#) Enable
1 = WP# enabled
0 = WP# disabled
02
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com