Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST26WF040BAT-104I/MF Datasheet(PDF) 47 Page - Microchip Technology

Part # SST26WF040BAT-104I/MF
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040BAT-104I/MF Datasheet(HTML) 47 Page - Microchip Technology

Back Button SST26WF040BAT-104I/MF Datasheet HTML 43Page - Microchip Technology SST26WF040BAT-104I/MF Datasheet HTML 44Page - Microchip Technology SST26WF040BAT-104I/MF Datasheet HTML 45Page - Microchip Technology SST26WF040BAT-104I/MF Datasheet HTML 46Page - Microchip Technology SST26WF040BAT-104I/MF Datasheet HTML 47Page - Microchip Technology SST26WF040BAT-104I/MF Datasheet HTML 48Page - Microchip Technology SST26WF040BAT-104I/MF Datasheet HTML 49Page - Microchip Technology SST26WF040BAT-104I/MF Datasheet HTML 50Page - Microchip Technology SST26WF040BAT-104I/MF Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 47
SST26WF040B/040BA SST26WF080B/080BA
FIGURE 8-5:
AC INPUT/OUTPUT REFERENCE WAVEFORMS
20005283 F28.0
REFERENCE POINTS
OUTPUT
INPUT
VHT
VLT
VHT
VLT
VIHT
VILT
AC test inputs are driven at VIHT (0.9VDD) for a logic ‘1’ and VILT (0.1VDD) for a logic ‘0’. Measure-
ment reference points for inputs and outputs are VHT (0.5VDD) and VLT (0.5VDD). Input rise and
fall times (10%
 90%) are <3 ns.
Note: VHT - VHIGH Test
VLT - VLOW Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com