Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN_MASTER_005MIMO Datasheet(PDF) 13 Page - Suzhou Maswell Communication Technology Co. Ltd

Part # AN_MASTER_005MIMO
Description  Maswell 5G High Gain Ultra Wideband Log Periodic Antenna
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MASWELL [Suzhou Maswell Communication Technology Co. Ltd]
Direct Link  https://www.maswelltech.com/
Logo MASWELL - Suzhou Maswell Communication Technology Co. Ltd

AN_MASTER_005MIMO Datasheet(HTML) 13 Page - Suzhou Maswell Communication Technology Co. Ltd

Back Button AN_MASTER_005MIMO Datasheet HTML 9Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_005MIMO Datasheet HTML 10Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_005MIMO Datasheet HTML 11Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_005MIMO Datasheet HTML 12Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_005MIMO Datasheet HTML 13Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_005MIMO Datasheet HTML 14Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_005MIMO Datasheet HTML 15Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_005MIMO Datasheet HTML 16Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_005MIMO Datasheet HTML 17Page - Suzhou Maswell Communication Technology Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2000MHz Radiation Pattern
3000MHz Radiation Pattern
Maswell 5G High Gain Ultra Wideband Log
Periodic Antenna
Measured Results
Measured Radiation Patterns
600MHz Radiation Pattern
1000MHz Radiation Pattern
Suzhou maswell communication technology co. Ltd
Add:Floor 3, Building 6, No. 88 Zhenbei Road, High-tech District, Suzhou 215153, Jiangsu, China
Http ://www.maswelltech.com
E-mail:Sales@maswelltech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com