Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RK1005CB-R500JN-98 Datasheet(PDF) 1 Page - Vishay Barry

Part # RK1005CB-R500JN-98
Description  BeO or Alumina
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

RK1005CB-R500JN-98 Datasheet(HTML) 1 Page - Vishay Barry

  RK1005CB-R500JN-98 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RK1005ZZ-XXXXWN-YY*
BeO or Alumina
1/4 WRAP CHIP RESISTOR
Features:
♦ BeO or Alumina material
♦ 1/4 Wrap
♦ Available in .5 ohm to 1 mohm
♦ DC - 10 GHz
WWW.BARRYIND.COM
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System
Barry Industries reserves the right to change part number and or process without notification
n
o
i
t
a
n
i
g
i
r
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
7
0
/
0
1
/
2
1
4
1
/
2
0
/
6
0
A
General Description:
The RK1005ZZ-XXXXWN-YY* series is a
quarter wrap style chip resistor. It offers a small
package design available in BeO or Alumina material.
* See below for ordering options.
R K 1005
ZZ
- XXXX
W
N
-
YY
1/4 Wrap
Size
(N)ormal
Inspection
Resistor
Termination Material and Finish
BA - available on Alumina:
Palladium Silver, Epoxy Mount, RoHS Compliant
CB - available on Alumina & BeO:
Tin Lead over Nickel over Silver, Solder Mount, NOT RoHS
CT - available on Alumina & BeO:
Matte Tin over Nickel over Silver, Solder Mount, RoHS Compliant
GA - available on Alumina:
Gold, Epoxy Mount, Wire Bond, RoHS Complaint
JA - available on BeO:
Gold over Platinum Gold, Epoxy Mount, Wire Bond, RoHS Compliant
Ohms
0.5
R500
1
1R00
10
10R0
50
50R0
100
1000
150
1500
1K
1001
10K
1002
100K
1003
470K
4703
1M
1004
Thickness
and Material
Tolerance
-91 - .015” Alumina .25 Watts
-93 - .025” Alumina .20 Watts
-96 - .015 BeO
3 Watts
-98 - .025 BeO
2 Watts
F - 1%
G - 2%
J - 5%
K - 10%
L - 20%
X = Special
· A ll D im e ns io n s in in ch e s
· T o le ran c e ± .00 5
· F u ll p a rt n u m b er
(R K 1 0 05 Z Z -X X X X W N -Y Y )
E xa m p le p a rt n u m b er
(R K 1 0 05 C T -5 0 R 0 JN -9 1 )
· D im e n s io n s a p p ly b efo re tin n ing
*
Thickness - YY
Half Thickness
of material minimum
.050
.100
.015
25
50 100
125
150
100
75
50
25
0
Derating Curve
Heat Sink Temperature oC


Similar Part No. - RK1005CB-R500JN-98

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
RK100/12 BLOCK-RK100/12 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
RK100/15 BLOCK-RK100/15 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
RK100/22 BLOCK-RK100/22 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
RK100/25 BLOCK-RK100/25 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
RK100/30 BLOCK-RK100/30 Datasheet
71Kb / 2P
Ringkern-Sicherheitsund Trenntransformator RK Toroidal safety isolating and isolating transformer RK Range
More results

Similar Description - RK1005CB-R500JN-98

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TV0202ZZ-XXXXWN-AA BARRY-TV0202ZZ-XXXXWN-AA Datasheet
186Kb / 1P
Alumina and BeO
Rev. B
RP0502ZZ-XXXXWN-YY BARRY-RP0502ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
11/05/12
RP0504ZZ-XXXXWN-YY BARRY-RP0504ZZ-XXXXWN-YY Datasheet
41Kb / 1P
BeO or Alumina
Rev.A 11/23/11
RK0302CB-XXXXWN-AA BARRY-RK0302CB-XXXXWN-AA Datasheet
545Kb / 1P
BeO or Alumina
11/21/06
RK0402ZZ-XXXXWN-YY BARRY-RK0402ZZ-XXXXWN-YY Datasheet
99Kb / 1P
BeO or Alumina
Rev.A 11/03/09
RK0502ZZ-XXXXWN-YY BARRY-RK0502ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
11/02/07
RK0505ZZ-XXXXWN-YY BARRY-RK0505ZZ-XXXXWN-YY Datasheet
170Kb / 1P
BeO or Alumina
Rev.A 12/10/07
RK1206ZZ-XXXXWN-YY BARRY-RK1206ZZ-XXXXWN-YY Datasheet
99Kb / 1P
Alumina, BeO Free, BeO and AlN
02/11/10
RS1005ZZ-XXXXWN-YY BARRY-RS1005ZZ-XXXXWN-YY Datasheet
49Kb / 1P
BeO or Alumina Material
03/22/12
RE0805CT-XXXXJN-AA BARRY-RE0805CT-XXXXJN-AA Datasheet
185Kb / 1P
BeO, BeO FREE, or Alumina
Rev.B 03/25/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com