Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STUN024 Datasheet(PDF) 4 Page - EIC discrete Semiconductors

Part # STUN024
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STUN024 Datasheet(HTML) 4 Page - EIC discrete Semiconductors

  STUN024 Datasheet HTML 1Page - EIC discrete Semiconductors STUN024 Datasheet HTML 2Page - EIC discrete Semiconductors STUN024 Datasheet HTML 3Page - EIC discrete Semiconductors STUN024 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( STUN06I - STUN5D0 )
FIG.1 - PULSE DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
FIG.5 - PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
Page 4 of 4
Rev. 02 : March 25, 2005
80
60
40
20
120
5.00
100
10
80
0
200
0
60
40
20
1.25
3.75
0
0.1
2.50
1.0
tp, PULSE WIDTH
100
100
10
20
60
1
2
4
6
40
100
100
125
175
0
25
50
75
150
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
200
TL, LEAD TEMPERATURE (
°C)
8.3 ms SINGLE HALF SINE WAVE
JEDEC METHOD
50
100
0
Tr = 10
µs
Peak Value
IRMS
Half Value - IRMS
2
TJ=25
°C
Pulse Width (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
tp
10X1000 Waveform
as defined by R.E.A.
T, TIME(ms)
Single Phase Half Wave
60 Hz Resistive or Inductive load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com