Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI74FCT273CTS Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74FCT273CTS
Description  Fast CMOS Octal D Flip-Flop with Master Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT273CTS Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74FCT273CTS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT273CTS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT273CTS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT273CTS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT273CTS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT273CTS Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS2013B
10/07/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT273T
Octal D Flip-Flop with Master Reset
Notes:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter guaranteed but not production tested.
Switching Characteristics over Operating Range
273T/2273T
273AT/2273AT
273CT/2273CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
PropagationDelay
CL = 50pF
2.0
13.0
2.0
7.2
2.0
5.8
ns
tPHL
CP to ON
RL = 500
Ω
tPHL
PropagationDelay
2.0
13.0
2.0
7.2
2.0
6.1
ns
tPLH
MRto ON
tSU
SetupTime,HIGHorLOW
3.0
—
2.0
—
2.0
—
ns
DntoCP
tH
HoldTime,HIGHorLOW
2.0
—
1.5
—
1.5
—
ns
DntoCP
tw
CPPulseWidth(3)
7.0
—
6.0
—
6.0
—
ns
HIGHorLOW
tW
MRPulseWidth(3)
7.0
—
6.0
—
6.0
—
ns
LOW
tREM
RecoveryTimeMRtoCP(3)
4.0
—
2.0
—
2.0
—
ns
Packaging Mechanical: 20-pin SOIC (S)
SEATING
PLANE
.050
BSC
1
20
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
7.40
7.60
.496
.511
12.60
12.99
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
.020
.030
0.508
0.762
REF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com