Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RE1005CB-R500JN-98 Datasheet(PDF) 1 Page - Vishay Barry

Part # RE1005CB-R500JN-98
Description  BeO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

RE1005CB-R500JN-98 Datasheet(HTML) 1 Page - Vishay Barry

  RE1005CB-R500JN-98 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RE1005CB-XXXXJN-98
BeO
SURFACE MOUNT RESISTOR
WWW.BARRYIND.COM
r
e
t
e
m
a
r
a
P
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
r
e
w
o
P
t
u
p
n
I8
s
t
t
a
W
e
c
n
a
t
s
i
s
e
R%
5
-
/
+
e
r
u
t
a
r
e
p
m
e
T
e
c
a
f
r
u
S
g
n
i
t
n
u
o
M0
0
1C
°
Features:
♦ BeO Material
♦ .5 to 1 Megohm available
♦ Surface Mountable
General Description:
The RE1005CB-XXXXJN-98* is
a BeO, 50 ohm standard surface mountable
resistor (.5 to 1 Megohm available). Its
compact design is ideal for miniature
electronic assemblies.
0.5....R500
1 ......1R00
10.....10R0
50.....50R0
100...1000
150...1500
1K.....1001
10K...1002
100K.1003
470K.4703
1M....1004
n
o
it
a
n
i
g
ir
O
e
t
a
D
n
o
i
s
i
v
e
R
e
t
a
D
.
v
e
R
4
0
/
6
2
/
4
0
8
0
/
1
1
/
4
0
A
Barry Industries reserves the right to change part number and or process without notification.
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - RE1005CB-R500JN-98

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RE1005CB-1000JN-2S BARRY-RE1005CB-1000JN-2S Datasheet
182Kb / 2P
8W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RE1005CB-1000JN-2STR BARRY-RE1005CB-1000JN-2STR Datasheet
182Kb / 2P
8W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RE1005CB-1000JN-2SWP BARRY-RE1005CB-1000JN-2SWP Datasheet
182Kb / 2P
8W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RE1005CB-1000JN-98 BARRY-RE1005CB-1000JN-98 Datasheet
183Kb / 2P
8W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
RE1005CB-1000JN-98TR BARRY-RE1005CB-1000JN-98TR Datasheet
183Kb / 2P
8W BeO Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
More results

Similar Description - RE1005CB-R500JN-98

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
T50R0-350-1X BARRY-T50R0-350-1X Datasheet
128Kb / 1P
BeO
28 Aug 2013
TV0805CB-XXXXJN-98 BARRY-TV0805CB-XXXXJN-98 Datasheet
150Kb / 1P
BeO
Rev.B 06/30/08
TV1005HA-50R0JN-96 BARRY-TV1005HA-50R0JN-96 Datasheet
65Kb / 1P
BeO
7/10/03
TVC2010CB-XXXXJN-99-01 BARRY-TVC2010CB-XXXXJN-99-01 Datasheet
97Kb / 1P
BeO
Rev.D 02/24/09
TZC2525CB-50R0JN-9F BARRY-TZC2525CB-50R0JN-9F Datasheet
43Kb / 1P
BeO
Rev.B 12/07/11
TV1206CB-50R0GN-96-04 BARRY-TV1206CB-50R0GN-96-04 Datasheet
46Kb / 1P
BEO
10/17/11
TVC3737CT-50R0JN-99 BARRY-TVC3737CT-50R0JN-99 Datasheet
179Kb / 1P
BeO
04/02/08
K05Z-XXXXG99-06C36-X BARRY-K05Z-XXXXG99-06C36-X Datasheet
120Kb / 1P
BeO
10/22/08
K05Z-XXXXG9F-05C36-X BARRY-K05Z-XXXXG9F-05C36-X Datasheet
560Kb / 1P
BeO
06/13/08
REC1206CT-XXXXJN-83 BARRY-REC1206CT-XXXXJN-83 Datasheet
156Kb / 1P
BeO or BeO FREE
Rev.A 04/13/04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com