Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74HC02D Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 74HC02D
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HC02D Datasheet(HTML) 1 Page - Toshiba Semiconductor

  74HC02D Datasheet HTML 1Page - Toshiba Semiconductor 74HC02D Datasheet HTML 2Page - Toshiba Semiconductor 74HC02D Datasheet HTML 3Page - Toshiba Semiconductor 74HC02D Datasheet HTML 4Page - Toshiba Semiconductor 74HC02D Datasheet HTML 5Page - Toshiba Semiconductor 74HC02D Datasheet HTML 6Page - Toshiba Semiconductor 74HC02D Datasheet HTML 7Page - Toshiba Semiconductor 74HC02D Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74HC02D
1
CMOS Digital Integrated Circuits Silicon Monolithic
74HC02D
Start of commercial production
2020-07
1. Functional Description
•
Quad 2-Input NOR Gate
2. General
The 74HC02D is a high speed CMOS 2-INPUT NOR GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power
dissipation.
The internal circuit is composed of 3 stages, including a buffer output, which provide high noise immunity and
stable output.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
3. Features
(1)
Wide operating temperature range: Topr = -40 to 125 � (Note 1)
(2)
High speed: tpd = 6 ns (typ.) at VCC = 5 V
(3)
Low power dissipation: ICC = 1.0 µA (max) at Ta = 25 �
(4)
Balanced propagation delays: tPLH
≈ tPHL
(5)
Wide operating voltage range: VCC(opr) = 2.0 to 6.0 V
Note 1: Operating Range spec of Topr = -40 � to 125 � is applicable only for the products which manufactured after
July 2020.
4. Packaging
SOIC14
2020-10-21
Rev.3.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - 74HC02D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC02D PHILIPS-74HC02D Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
74HC02D NXP-74HC02D Datasheet
100Kb / 15P
Quad 2-input NOR gate
Rev. 03-18 September 2008
74HC02D NXP-74HC02D Datasheet
132Kb / 16P
Quad 2-input NOR gate
Rev. 4-4 September 2012
74HC02D NXP-74HC02D Datasheet
132Kb / 1P
Quad 2-input NOR gate
Rev. 4-4 September 2012
logo
Nexperia B.V. All right...
74HC02D NEXPERIA-74HC02D Datasheet
265Kb / 14P
Quad 2-input NOR gate
Rev. 8 - 9 February 2023
More results

Similar Description - 74HC02D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com