Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-C40-S-RA-BK-30-R Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # USB-C40-S-RA-BK-30-R
Description  USB 4.0, TYPE C, FEMALE, RIGHT ANGLE, GOLD PLATED 40Gbps, BLACK INSULATOR,
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

USB-C40-S-RA-BK-30-R Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  USB-C40-S-RA-BK-30-R Datasheet HTML 1Page - Adam Technologies, Inc. USB-C40-S-RA-BK-30-R Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - USB-C40-S-RA-BK-30-R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
USB-C-45W-UK TTELEC-USB-C-45W-UK Datasheet
308Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 5-20VDC 45WATT
05/11/2019
USB-C-72W TTELEC-USB-C-72W Datasheet
267Kb / 2P
UNITED KINGDOM USB TYPE C CHARGER
01/06/2020
logo
Adam Technologies, Inc.
USB-C31-PLUG-B-BK ADAM-TECH-USB-C31-PLUG-B-BK Datasheet
114Kb / 1P
909 Rahway Avenue
USB-C31-S-RA-BK-TR ADAM-TECH-USB-C31-S-RA-BK-TR Datasheet
127Kb / 1P
909 RahwayAvenue
USB-C31-S-RA-CS1-BK-SS-TR ADAM-TECH-USB-C31-S-RA-CS1-BK-SS-TR Datasheet
396Kb / 2P
909 RahwayAvenue
More results

Similar Description - USB-C40-S-RA-BK-30-R

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91156 PASTERNACK-PE91156 Datasheet
372Kb / 3P
SMA Female to SMA Female Radius Right Angle Adapter Gold Plated
logo
Wurth Elektronik GmbH &...
62910416121 WURTH-62910416121 Datasheet
452Kb / 2P
USB 2.0 B FEMALE RIGHT ANGLE SMD TYPE
logo
List of Unclassifed Man...
690-024-231-031 ETC2-690-024-231-031 Datasheet
315Kb / 2P
USB 3.1 TYPE C FEMALE
690-024-232-031 ETC2-690-024-232-031 Datasheet
330Kb / 2P
USB 3.1 TYPE C FEMALE
logo
Suntsu Electronics, Inc...
SCNUS-UC-124GPF-SORST SUNTSU-SCNUS-UC-124GPF-SORST Datasheet
170Kb / 1P
USB TYPE C 3.1 FEMALE RIGHT ANGLE SURFACE MOUNT AND THROUGH HOLE CONNECTOR
SCNUS-UC-124GPF-SORTH SUNTSU-SCNUS-UC-124GPF-SORTH Datasheet
177Kb / 1P
USB TYPE C 3.1 FEMALE RIGHT ANGLE SURFACE MOUNT CONNECTOR
logo
Switchcraft, Inc.
RAHUC31AUTR SWITCH-RAHUC31AUTR Datasheet
325Kb / 2P
RIGHT ANGLE USB TYPE-C® 3.1, RoHS
Rev. A
logo
Amphenol Communications...
10151348 AMPHENOLCS-10151348 Datasheet
415Kb / 4P
USB TYPE C FEMALE R/A UP RIGHT TH TYPE
10152803 AMPHENOLCS-10152803 Datasheet
234Kb / 3P
USB Type C Female
2020-09-09
10159872 AMPHENOLCS-10159872 Datasheet
166Kb / 1P
USB TYPE C 24PIN RIGHT ANGLE HYBRID TYPE
2022-03-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com