Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT83SL28IV Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT83SL28IV
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL28IV Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT83SL28IV Datasheet HTML 37Page - Exar Corporation XRT83SL28IV Datasheet HTML 38Page - Exar Corporation XRT83SL28IV Datasheet HTML 39Page - Exar Corporation XRT83SL28IV Datasheet HTML 40Page - Exar Corporation XRT83SL28IV Datasheet HTML 41Page - Exar Corporation XRT83SL28IV Datasheet HTML 42Page - Exar Corporation XRT83SL28IV Datasheet HTML 43Page - Exar Corporation XRT83SL28IV Datasheet HTML 44Page - Exar Corporation XRT83SL28IV Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
xr
XRT83SL28
REV. 1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
39
TABLE 13: MICROPROCESSOR REGISTER BIT DESCRIPTION
D5
AISI_n
Alarm Indication Signal Interrupt Status
"0" = No Change
"1" = Change in Status Occured
RUR
0
D4
DMOI_n
Driver Monitor Output Interrupt Status
"0" = No Change
"1" = Change in Status Occured
RUR
0
D3
RLOSI_n
Receiver Loss of Signal Interrupt Status
"0" = No Change
"1" = Change in Status Occured
RUR
0
D2
Reserved
This Register Bit is Not Used
R/W
X
D1
Reserved
This Register Bit is Not Used
R/W
X
D0
Reserved
This Register Bit is Not Used
R/W
X
CHANNEL CONTROL REGISTER (0X07H, 0X0BH, 0X0FH, 0X13H, 0X17H, 0X1BH, 0X1FH, 0X23H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
R/W
X
D6
Reserved
This Register Bit is Not Used
R/W
X
D5
AISS_n
Alarm Indication Signal Alarm Status
The alarm indication signal detection is always active regardless if
the interrupt generation is disabled. This bit indicates the AIS
activity. An interrupt will not occur unless the AISIE is set to "1" in
the channel register 0x04h and GIE is set to "1" in the global regis-
ter 0xE0h.
"0" = No Alarm
"1" = An all ones signal is detected
RO
0
D4
DMOS_n
Driver Monitor Output Alarm Status
The Driver Monitor output is always active regardless if the inter-
rupt generation is disabled. This bit indicates the DMO activity. An
interrupt will not occur unless the DMOIE is set to "1" in the chan-
nel register 0x04h and GIE is set to "1" in the global register
0xE0h.
"0" = No Alarm
"1" = Transmit output driver has failures
RO
0
TABLE 12: MICROPROCESSOR REGISTER BIT DESCRIPTION
CHANNEL CONTROL REGISTER (0X06H, 0X0AH, 0X0EH, 0X12H, 0X16H, 0X1AH, 0X1EH, 0X22H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com