Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPZ19-CMPZ5254B-WN Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPZ19-CMPZ5254B-WN
Description  PNP - High Voltage Transistor Die
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPZ19-CMPZ5254B-WN Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPZ19-CMPZ5254B-WN Datasheet HTML 1Page - Central Semiconductor Corp CPZ19-CMPZ5254B-WN Datasheet HTML 2Page - Central Semiconductor Corp CPZ19-CMPZ5254B-WN Datasheet HTML 3Page - Central Semiconductor Corp CPZ19-CMPZ5254B-WN Datasheet HTML 4Page - Central Semiconductor Corp CPZ19-CMPZ5254B-WN Datasheet HTML 5Page - Central Semiconductor Corp CPZ19-CMPZ5254B-WN Datasheet HTML 6Page - Central Semiconductor Corp CPZ19-CMPZ5254B-WN Datasheet HTML 7Page - Central Semiconductor Corp CPZ19-CMPZ5254B-WN Datasheet HTML 8Page - Central Semiconductor Corp CPZ19-CMPZ5254B-WN Datasheet HTML 9Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CP560-MPSA92
PNP - High Voltage Transistor Die
Die Size
26 x 26 MILS
Die Thickness
8.0 MILS
Base Bonding Pad Size
4.1 x 4.1 MILS
Emitter Bonding Pad Size
4.1 x 4.1 MILS
Top Side Metalization
Al – 20,000Å
Back Side Metalization
Au – 15,000Å
Scribe Alley Width
3.0 MILS
Wafer Diameter
4 INCHES
Gross Die Per Wafer
13,500
The CP560-MPSA92 is a silicon PNP transistor designed for high voltage applications.
MECHANICAL SPECIFICATIONS:
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
500
mA
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=200V
250
nA
IEBO
VEB=3.0V
100
nA
BVCBO
IC=100µA
300
V
BVCEO
IC=1.0mA
300
V
BVEBO
IE=100µA
5.0
V
VCE(SAT)
IC=20mA, IB=2.0mA
0.5
V
VBE(SAT)
IC=20mA, IB=2.0mA
0.9
V
hFE
VCE=10V, IC=1.0mA
25
hFE
VCE=10V, IC=10mA
40
hFE
VCE=10V, IC=30mA
25
fT
VCE=20V, IC=10mA, f=100MHz
50
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
6.0
pF
R0 (8-August 2019)
www.centr a lsemi.
com


Similar Part No. - CPZ19-CMPZ5254B-WN

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPZ19-CMPZ5254B-WN CENTRAL-CPZ19-CMPZ5254B-WN Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
More results

Similar Description - CPZ19-CMPZ5254B-WN

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP710V-2N5415 CENTRAL-CP710V-2N5415 Datasheet
539Kb / 4P
PNP - High Voltage Transistor Die 1.0 Amp, 200 Volt
R0 8-February 2017
CP710V-2N5416 CENTRAL-CP710V-2N5416 Datasheet
540Kb / 4P
PNP - High Voltage Transistor Die
R0 1-August 2016
CP710V-2N6520 CENTRAL-CP710V-2N6520 Datasheet
601Kb / 5P
PNP - High Voltage Transistor Die
R0 1-August 2016
CP710V-BC393 CENTRAL-CP710V-BC393 Datasheet
513Kb / 4P
PNP - High Voltage Transistor Die
R0 1-August 2016
CP710V-CJD350 CENTRAL-CP710V-CJD350 Datasheet
542Kb / 4P
PNP - High Voltage Transistor Die
R0 15-August 2016
CP710V-CMPTA94 CENTRAL-CP710V-CMPTA94 Datasheet
539Kb / 4P
PNP - High Voltage Transistor Die
R0 1-August 2016
CP710V-CMPTA96 CENTRAL-CP710V-CMPTA96 Datasheet
539Kb / 4P
PNP - High Voltage Transistor Die
R0 1-August 2016
CP710V-CZTA94 CENTRAL-CP710V-CZTA94 Datasheet
539Kb / 4P
PNP - High Voltage Transistor Die
R0 1-August 2016
CP736V-2N3635 CENTRAL-CP736V-2N3635 Datasheet
613Kb / 5P
PNP - High Voltage Transistor Die 1.0 Amp, 140 Volt
R1 23-May 2017
CP736V-2N3637 CENTRAL-CP736V-2N3637 Datasheet
612Kb / 5P
PNP - High Voltage Transistor Die 1.0 Amp, 175 Volt
R1 23-May 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com