| Electronic Components Datasheet Search |
|
TDA7499SA Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7499SA Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() TDA7499SA 2/11 Table 2. Absolute Maximum RatingS Figure 3. Pin Connection (Top view) Table 3. Thermal Data Figure 4. Single Supply Application Symbol Parameter Value Unit VS DC Supply Voltage ±20 V IO Output Power Current (internally limited) 2.5 A Ptot Total Power Dissipation (Tamb = 70°C) 20 W Tamb Ambient Operating Temperature (1) 0 to 70 °C Tstg, Tj Storage and Junction Temperature -40 to 150 °C Symbol Parameter Value Unit Rth j-case Thermal Resistance Junction-case max = 3.9 °C/W Rth j-amb Thermal Resistance Junction-ambient max = 48 °C/W 1 2 3 4 5 6 7 9 10 11 8 IN+(1) IN-(1) GND IN-(2) IN+(2) -VS MUTE OUTPUT(2) +VS OUTPUT(1) -VS D03AU1506 PLAY 5V R2 15K IN (L) C3 1 µF R1 10K C1 1 µF MUTE IN (R) C4 1 µF R8 4.7 Ω R7 1K C7 0.1 µF OUT (L) IN- (R) C5 1000 µF +VS 3 5 7 9 6 11 2 4 + - D96AU444A OUT (L) OUT (R) GND R4 30K IN- (L) 8 10 OUT (R) 1 R5 1K R6 30K R9 4.7 Ω C9 470 µF C10 470 µF C8 0.1 µF R3 15K 0 MUTE Q1 BSX33 C6 0.1 µF D1 5.1V C2 100 µF |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |