Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN100-D1-R-RC1I Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # IN100-D1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-D1-R-RC1I Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button IN100-D1-R-RC1I Datasheet HTML 30Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 31Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 32Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 33Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 34Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 35Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 36Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 37Page - List of Unclassifed Manufacturers IN100-D1-R-RC1I Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
33 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Description
Comments
Min.
Max.
Unit
CHIP_EN pin
-0.3
VCC
V
Analog input
XO_N, XO_P, RTC_XO_N,
RTC_XO_P, MGPIOs
-0.3
Min (2, VCC)
V
ESD HBM
All pins expect RF_TX
pin
-4000
4000
V
RF_TX
-2000
2000
V
Storage Temperature
-65
150
°C
5.2. Recommended operating conditions
Table 15 : Recommended operating conditions
Description
Min.
Typ.
Max.
Unit
VCC supply voltage
1.1
1.5
3.6
V
Operating temperature*
-40
125
°C
Note: for full range industrial grade product only. See ordering info chapter 10.
The power sequence should follow the sequence as shown in Figure 18.
Figure 18 : Power supply sequence
5.3. GPIO characteristics
Performance below was measured at the following condition: Ta = 25°C, VCC = 3.0V, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com