Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN100-Q1-R-RC1I Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # IN100-Q1-R-RC1I
Description  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-RC1I Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-RC1I Datasheet HTML 15Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 16Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 17Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 18Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 19Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 20Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 21Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 22Page - List of Unclassifed Manufacturers IN100-Q1-R-RC1I Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
18 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Condition
index
Condition
Description
3
Sensor 0
level too high
An external sensor connected to an MGPIO pin measured
through the internal ADC is higher than a threshold provided
in region 1 of the eFuse memory or SRAM. Sensor 0 can be
specified as one of the GPIO inputs using control registers*.
4
Sensor 0
level too low
An external sensor connected to an MGPIO pin measured
through the internal ADC is lower than a threshold provided in
region 1 of the eFuse memory or SRAM.
5
Sensor 1 level
too high
An external sensor connected to an MGPIO pin measured
through the internal ADC is higher than a threshold provided
in region 1 of the eFuse memory. Sensor 1 can be specified as
one of the MGPIO inputs using control registers*.
6
Sensor 1 level
too low
An external sensor connected to an MGPIO pin measured
through the internal ADC is lower than a threshold provided in
region 1 of the eFuse memory or SRAM.
7
GPIO wakeup
Any GPIO-triggered wake up. The wake-up condition can be
specified through control registers*.
Note: the control register content can be generated by the NanoBeacon Config PC GUI tool
provided by InPlay.
3.5.3. Advertising data source
Each advertising packet may contain a sequence of up to 15 fields. Field 0 may contain specified
header and/or address information, while all other 14 fields may contain one of the following types
of data.
Table 5 : Advertising data source
Data type
Description
Predefined Data
The data (and their length) is defined in the eFuse memory directly
and may not be changed later.
Timer value
Values from AON timers, or the converted SEC_CNT value in 0.1
second or 1 second resolution.
Random number
A random number created through the LFSR (see chapter 4.6). The
random value might also be used in EAX encryption as the salt.
Internal
Temperature/Battery
voltage measurement
Internal ADC measurements of the device temperature or the VCC
voltage value.
External analog sensor
measurement
Internal ADC measurement of a signal from the external analog
sensor through MGPIO 4 to 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com