Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C4M4F1-60JC Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS4C4M4F1-60JC
Description  5V 4M횞4 CMOS DRAM (Fast Page mode)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M4F1-60JC Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS4C4M4F1-60JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C4M4F1-60JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C4M4F1-60JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C4M4F1-60JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C4M4F1-60JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C4M4F1-60JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M4F1-60JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M4F1-60JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M4F1-60JC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/11/01; v.0.9
Alliance Semiconductor
P. 4 of 18
AS4C4M4F0
AS4C4M4F1
®
Absolute maximum ratings
DC electrical characteristics
Parameter
Symbol
Min
Max
Unit
Input voltage
Vin
-1.0
+7.0
V
Input voltage (DQs)
VDQ
-1.0
VCC + 0.5
V
Power supply voltage
VCC
-1.0
+7.0
V
Storage temperature (plastic)
TSTG
-55
+150
°C
Soldering temperature × time
TSOLDER
–260 × 10
oC × sec
Power dissipation
PD
–1
W
Short circuit output current
Iout
–50
mA
Parameter
Symbol
Test conditions
-50
-60
Unit
Notes
Min
Max
Min
Max
Input leakage current
IIL
0V
≤ V
in ≤ +5.5V,
Pins not under test = 0V
-5
+5
-5
+5
µA
Output leakage current
IOL
DOUT disabled, 0V ≤ Vout ≤ +5.5V
-5
+5
-5
+5
µA
Operating power
supply current
ICC1
RAS, CAS Address cycling; tRC=min
–
135
–
120
mA
1,2
TTL standby power
supply current
ICC2
RAS = CAS
≥ V
IH
–2.0
–
2.0
mA
Average power supply
current, RAS refresh
mode or CBR
ICC3
RAS cycling, CAS
≥ V
IH,
tRC = min of RAS low after XCAS low.
–120
–
110
mA
1
Fast page mode average
power supply current
ICC4
RAS = VIL, CAS,
address cycling: tHPC = min
–
130
–
120
mA
1, 2
CMOS standby power
supply current
ICC5
RAS = CAS = VCC - 0.2V
–
1.0
–
1.0
mA
Output voltage
VOH
IOUT = -5.0 mA
2.4
–
2.4
–
V
VOL
IOUT = 4.2 mA
–
0.4
–
0.4
V
CAS before RAS refresh
current
ICC6
RAS, CAS cycling, tRC = min
–
120
–
110
mA
Self refresh current
ICC7
RAS = UCAS = LCAS
≤ 0.2V,
WE = OE
≥ V
CC - 0.2V,
all other inputs at 0.2V or
VCC - 0.2V
–0.6
–
0.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com