Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFR48ZPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRFR48ZPBF
Description  AUTOMOTIVE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR48ZPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFR48ZPBF Datasheet HTML 3Page - International Rectifier IRFR48ZPBF Datasheet HTML 4Page - International Rectifier IRFR48ZPBF Datasheet HTML 5Page - International Rectifier IRFR48ZPBF Datasheet HTML 6Page - International Rectifier IRFR48ZPBF Datasheet HTML 7Page - International Rectifier IRFR48ZPBF Datasheet HTML 8Page - International Rectifier IRFR48ZPBF Datasheet HTML 9Page - International Rectifier IRFR48ZPBF Datasheet HTML 10Page - International Rectifier IRFR48ZPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRFR/U48ZPbF
10
www.irf.com
I-Pak (TO-251AA) Package Outline
I-Pak (TO-251AA) Part Marking Information
AS S E MB LY
EXAMPLE:
WITH ASSE MBL Y
T HIS IS AN IRF U120
YE AR 9 = 1999
DAT E CODE
LINE A
WEEK 19
IN THE ASSE MB LY L INE "A"
AS S E MB LE D ON WW 19, 1999
LOT CODE 5678
PART NU MB E R
56
IRF U120
INT E RNAT IONAL
LOGO
RE CT IF IE R
LOT CODE
919A
78
Note: "P" in as s embly line
position indicates "L ead-F ree"
OR
56
78
ASSE MB LY
LOT CODE
RE CT IF IE R
LOGO
INT E RNAT IONAL
IRF U120
PART NU MB E R
WEEK 19
DAT E CODE
YEAR 9 = 1999
A = ASSE MB LY SIT E CODE
P = DES IGNAT ES LEAD-F REE
PRODU CT (OPT IONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com