Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8538SCASP2 Datasheet(PDF) 1 Page - Schneider Electric

Part # 8538SCASP2
Description  NEMA Fusible Disconnect Switch Combination Starters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8538SCASP2 Datasheet(HTML) 1 Page - Schneider Electric

  8538SCASP2 Datasheet HTML 1Page - Schneider Electric 8538SCASP2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Combination Starter, Type S,
60A fusible disconnect, Size 1, 27A,
melting alloy overload, 120 VAC coil,
NEMA 3R/12
8538SCASP2
Product availability : Stock - Normally stocked in distribution
facility
Price* : 3,615.00 USD
Main
Product
Combination Starter
Type
S
Control Circuit Type
Separate control circuit
Complementary
Control Circuit Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Starter Type
Non reversing
Line Rated Current
27 A
Number of Poles
3P
Horsepower Rating
7.5 hp 200 V AC, 3 phase
7.5 hp 230 V AC, 3 phase
Maximum Voltage Rating
600 V AC
Control Units
Selector switch HAND-OFF-AUTO)
Pilot Light
Red indicator on LED
Green indicator off LED
Auxiliary Contacts
2 NO + 2 NC
Thermal overload type
Melting alloy 3
Disconnect Type
Fusible disconnect switch H and K, 60 A, electrical SPDT
NEMA size
1
Height
24 in (609.60 mm)
Depth
8.34 in (211.84 mm)
Width
9.5 in (241.30 mm)
Handle Swing
3.25 in (82.55 mm)
Environment
Enclosure Type
NEMA 12 painted sheet steel with external reset
Product Certifications
UL Listed
CSA
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Feb 6, 2023
1


Similar Part No. - 8538SCASP2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8538SCASP1 SCHNEIDER-8538SCASP1 Datasheet
110Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCASP3 SCHNEIDER-8538SCASP3 Datasheet
107Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCASP4 SCHNEIDER-8538SCASP4 Datasheet
110Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCASP5 SCHNEIDER-8538SCASP5 Datasheet
110Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SCASP6 SCHNEIDER-8538SCASP6 Datasheet
110Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
More results

Similar Description - 8538SCASP2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8538SBA65V02 SCHNEIDER-8538SBA65V02 Datasheet
102Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V01S SCHNEIDER-8538SBG11V01S Datasheet
97Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V81CFF4P1P2T SCHNEIDER-8538SBG11V81CFF4P1P2T Datasheet
106Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V81CFF4P1P2TX22 SCHNEIDER-8538SBG11V81CFF4P1P2TX22 Datasheet
106Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V81CFF4P1T SCHNEIDER-8538SBG11V81CFF4P1T Datasheet
109Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG11V84ACFF4T SCHNEIDER-8538SBG11V84ACFF4T Datasheet
66Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG12V01CS SCHNEIDER-8538SBG12V01CS Datasheet
108Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG12V03C SCHNEIDER-8538SBG12V03C Datasheet
108Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG12V84AFF4T SCHNEIDER-8538SBG12V84AFF4T Datasheet
108Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 13, 2023
8538SBG13V81C6FF4T SCHNEIDER-8538SBG13V81C6FF4T Datasheet
66Kb / 2P
NEMA Fusible Disconnect Switch Combination Starters
Feb 15, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com