Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC566CZP40 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC566CZP40
Description  RISC MCU with Code Compression Option
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC566CZP40 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC566CZP40 Datasheet HTML 1Page - Motorola, Inc MPC566CZP40 Datasheet HTML 2Page - Motorola, Inc MPC566CZP40 Datasheet HTML 3Page - Motorola, Inc MPC566CZP40 Datasheet HTML 4Page - Motorola, Inc MPC566CZP40 Datasheet HTML 5Page - Motorola, Inc MPC566CZP40 Datasheet HTML 6Page - Motorola, Inc MPC566CZP40 Datasheet HTML 7Page - Motorola, Inc MPC566CZP40 Datasheet HTML 8Page - Motorola, Inc MPC566CZP40 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC565/MPC566
PRODUCT BRIEF
MOTOROLA
5
Figure 1 MPC565/MPC566 Block Diagram
E-BUS
MPC5xx
Core
L-BUS
U-BUS
IMB3
Flash
512 Kbytes
+
FP
USIU
Flash
512 Kbytes
Int.
Burst
I/F
L2U
I/F
UIMB
QSMCM
MIOS14
DPTRAM
6 Kbytes
READI
JTAG
TPU3
QADC64E
QSMCM
TPU3
DPTRAM
4 Kbytes
TPU3
Tou
DLCMD2
32K CALRAM_A
28 Kbytes SRAM
(No Overlay)
4-Kbyte Overlay
4-Kbyte CALRAM_B
4-Kbyte Overlay
CAN
Tou
CAN
Tou
CAN
w/AMUX
QADC64E
w/AMUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com