Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP223J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP223J
Description  Photocouplers Photorelay
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP223J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP223J Datasheet HTML 1Page - Toshiba Semiconductor TLP223J Datasheet HTML 2Page - Toshiba Semiconductor TLP223J Datasheet HTML 3Page - Toshiba Semiconductor TLP223J Datasheet HTML 4Page - Toshiba Semiconductor TLP223J Datasheet HTML 5Page - Toshiba Semiconductor TLP223J Datasheet HTML 6Page - Toshiba Semiconductor TLP223J Datasheet HTML 7Page - Toshiba Semiconductor TLP223J Datasheet HTML 8Page - Toshiba Semiconductor TLP223J Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLP223J,TLP223JF
1
Photocouplers Photorelay
TLP223J,TLP223JF
Start of commercial production
2021-10
1. Applications
•
Mechanical relay replacements
•
Security Systems
•
Measuring Instruments
•
Factory Automation (FA)
•
Amusement Equipment
•
Smart Meters
•
Electricity Meters
2. General
The TLP223J and TLP223JF photorelay consist of a photo MOSFET optically coupled to an infrared LED. They
are housed in a 4-pin DIP package. They provide an isolation voltage of 5000 Vrms, making them suitable for
applications that require reinforced insulation.
3. Features
(1)
Normally opened (1-Form-A)
(2)
OFF-state output terminal voltage: 600 V (min)
(3)
Trigger LED current: 2 mA (max)
(4)
ON-state current: 90 mA (max)
(5)
ON-state resistance: 40 Ω (max, t < 1 s), 60 Ω (max, Continuous)
(6)
Isolation voltage: 5000 Vrms (min)
(7)
Safety standards
UL-recognized: UL 1577, File No.E67349
cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
Note 1: When a VDE approved type is needed, please designate the Option (D4).
4. Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm Pitch
TLP223J
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP223JF
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2022-02-02
Rev.4.0
©2020-2022
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - TLP223J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP223GAF TOSHIBA-TLP223GAF Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
More results

Similar Description - TLP223J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP171D TOSHIBA-TLP171D Datasheet
219Kb / 7P
Photocouplers Photorelay
2019-10-11 Rev.4.0
TLP172GM TOSHIBA-TLP172GM Datasheet
303Kb / 11P
Photocouplers Photorelay
2021-05-28 Rev.10.0
TLP223GA TOSHIBA-TLP223GA Datasheet
597Kb / 18P
Photocouplers Photorelay
2022-02-02 Rev.4.0
TLP240GA TOSHIBA-TLP240GA Datasheet
408Kb / 19P
Photocouplers Photorelay
2020-02-04 Rev.8.0
TLP3109A TOSHIBA-TLP3109A Datasheet
314Kb / 10P
Photocouplers Photorelay
2022-04-12 Rev.3.0
TLP3146 TOSHIBA-TLP3146 Datasheet
322Kb / 8P
Photocouplers Photorelay
2018-06-28 Rev.1.0
TLP3407SRA4 TOSHIBA-TLP3407SRA4 Datasheet
545Kb / 12P
Photocouplers Photorelay
2021-09-10 Rev.1.0
TLP3419 TOSHIBA-TLP3419 Datasheet
300Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3420 TOSHIBA-TLP3420 Datasheet
301Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
TLP3451 TOSHIBA-TLP3451 Datasheet
295Kb / 10P
Photocouplers Photorelay
2020-02-20 Rev.9.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com