Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXB1310 Datasheet(PDF) 8 Page - Cree LED

Part # CXB1310
Description  XLamp® CXB1310 LED
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CXB1310 Datasheet(HTML) 8 Page - Cree LED

Back Button CXB1310 Datasheet HTML 4Page - Cree LED CXB1310 Datasheet HTML 5Page - Cree LED CXB1310 Datasheet HTML 6Page - Cree LED CXB1310 Datasheet HTML 7Page - Cree LED CXB1310 Datasheet HTML 8Page - Cree LED CXB1310 Datasheet HTML 9Page - Cree LED CXB1310 Datasheet HTML 10Page - Cree LED CXB1310 Datasheet HTML 11Page - Cree LED CXB1310 Datasheet HTML 12Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
XLAMP® CXB1310 LED
© 2016-2021 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed Inc. XLamp®, EasyWhite® and SC5 Technology® are registered trademarks of Cree LED. UL® and the UL
logo are registered trademarks of UL LLC.
CLD-DS141
REV 4A
8
Notes
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 24).
CXB1310 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
Nominal
CCT
CRI*
Minimum Luminous Flux
2-Step
3-Step
5-Step
Min
Typ
Group Flux (lm)
@ 85 °C
Flux
(lm) @
25 °C**
Group
Order Code
Group
Order Code
Group
Order Code
3500 K
80
---
M2
1380
1504
35H
CXB1310-0000-
000N0HM235H
35G
CXB1310-0000-
000N0HM235G
M4
1485
1618
CXB1310-0000-
000N0HM435H
CXB1310-0000-
000N0HM435G
90
92
K2
1200
1308
35H
CXB1310-0000-
000N0UK235H
35G
CXB1310-0000-
000N0UK235G
K4
1290
1406
CXB1310-0000-
000N0UK435H
CXB1310-0000-
000N0UK435G
3000 K
80
---
M2
1380
1504
30H
CXB1310-0000-
000N0HM230H
30G
CXB1310-0000-
000N0HM230G
M4
1485
1618
CXB1310-0000-
000N0HM430H
CXB1310-0000-
000N0HM430G
90
92
J4
1120
1221
30H
CXB1310-0000-
000N0UJ430H
30G
CXB1310-0000-
000N0UJ430G
K2
1200
1308
CXB1310-0000-
000N0UK230H
CXB1310-0000-
000N0UK230G
2700 K
80
---
K4
1290
1406
27H
CXB1310-0000-
000N0HK427H
27G
CXB1310-0000-
000N0HK427G
M2
1380
1504
CXB1310-0000-
000N0HM227H
CXB1310-0000-
000N0HM227G
90
92
J4
1120
1221
27H
CXB1310-0000-
000N0UJ427H
27G
CXB1310-0000-
000N0UJ427G
K2
1200
1308
CXB1310-0000-
000N0UK227H
CXB1310-0000-
000N0UK227G
2200 K
80
---
J4
1120
1221
22G
CXB1310-0000-
000N0HJ422G
FLUX CHARACTERISTICS, EASYWHITE® ORDER CODES AND BINS - 36 V (I
F = 350 mA, TJ = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com