Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXB3590 Datasheet(PDF) 5 Page - Cree LED

Part # CXB3590
Description  XLamp® CXB3590 LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CXB3590 Datasheet(HTML) 5 Page - Cree LED

  CXB3590 Datasheet HTML 1Page - Cree LED CXB3590 Datasheet HTML 2Page - Cree LED CXB3590 Datasheet HTML 3Page - Cree LED CXB3590 Datasheet HTML 4Page - Cree LED CXB3590 Datasheet HTML 5Page - Cree LED CXB3590 Datasheet HTML 6Page - Cree LED CXB3590 Datasheet HTML 7Page - Cree LED CXB3590 Datasheet HTML 8Page - Cree LED CXB3590 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
XLAMP® CXB3590 LED
© 2015-2021 Cree LED. The information in this document is subject to change without notice. Cree® and the Cree logo are registered trademarks, and
the Cree LED logo is a trademark, of Wolfspeed, Inc. XLamp® and EasyWhite® are registered trademarks of Cree LED. UL® and the UL logo are registered
trademarks of UL LLC.
CLD-DS126
REV 4A
5
Notes
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 20).
CXB3590 LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
Nominal
CCT
CRI*
Minimum Luminous Flux
2-Step
3-Step
5-Step
Min
Typ
Group Flux (lm)
@ 85 °C
Flux
(lm) @
25 °C**
Group
Order Code
Group
Order Code
Group
Order Code
5000 K
70
---
CD
12,000
13,237
50E
CXB3590-0000-
000N0BCD50E
DB
13,000
14,340
CXB3590-0000-
000N0BDB50E
DD
14,000
15,443
CXB3590-0000-
000N0BDD50E
80
---
CB
11,000
12,134
50G
CXB3590-0000-
000N0HCB50G
50E
CXB3590-0000-
000N0HCB50E
CD
12,000
13,237
CXB3590-0000-
000N0HCD50G
CXB3590-0000-
000N0HCD50E
DB
13,000
14,340
CXB3590-0000-
000N0HDB50G
90
92
BD
10,000
11,031
50G
CXB3590-0000-
000N0UBD50G
CB
11,000
12,134
CXB3590-0000-
000N0UCB50G
CD
12,000
13,237
CXB3590-0000-
000N0UCD50G
4000 K
70
---
CD
12,000
13,237
40E
CXB3590-0000-
000N0BCD40E
DB
13,000
14,340
CXB3590-0000-
000N0BDB40E
DD
14,000
15,443
CXB3590-0000-
000N0BDD40E
80
---
CB
11,000
12,134
40H
CXB3590-0000-
000N0HCB40H
40G
CXB3590-0000-
000N0HCB40G
CD
12,000
13,237
CXB3590-0000-
000N0HCD40H
CXB3590-0000-
000N0HCD40G
DB
13,000
14,340
CXB3590-0000-
000N0HDB40H
CXB3590-0000-
000N0HDB40G
90
92
BB
9,500
10,479
40H
CXB3590-0000-
000N0UBB40H
40G
CXB3590-0000-
000N0UBB40G
BD
10,000
11,031
CXB3590-0000-
000N0UBD40H
CXB3590-0000-
000N0UBD40G
CB
11,000
12,134
CXB3590-0000-
000N0UCB40H
CXB3590-0000-
000N0UCB40G
FLUX CHARACTERISTICS, EASYWHITE® ORDER CODES AND BINS - 36 V (I
F = 2400 mA, TJ = 85 °C) - CONTINUED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com