Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTR50EZPFSR047 Datasheet(PDF) 2 Page - Rohm

Part # LTR50EZPFSR047
Description  High Power Thick Film Shunt Resistors / Wide terminal type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LTR50EZPFSR047 Datasheet(HTML) 2 Page - Rohm

  LTR50EZPFSR047 Datasheet HTML 1Page - Rohm LTR50EZPFSR047 Datasheet HTML 2Page - Rohm LTR50EZPFSR047 Datasheet HTML 3Page - Rohm LTR50EZPFSR047 Datasheet HTML 4Page - Rohm LTR50EZPFSR047 Datasheet HTML 5Page - Rohm LTR50EZPFSR047 Datasheet HTML 6Page - Rohm LTR50EZPFSR047 Datasheet HTML 7Page - Rohm LTR50EZPFSR047 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTR/LTRL series
www.rohm.com
© 2022 ROHM Co., Ltd. All rights reserved.
2022.12 - Rev.017
Datasheet
2/5
●Chip resistor dimensions and markings
■LTR10L
■LTR50
LTR18
LTR100L
LTR100
(Unit : mm)
●Land pattern example
(Unit : mm)
Dimensions
Part No.
LTR10L
0.50
1.98
2.20
0.74
LTR18
0.55
2.91
3.20
1.18
LTR50
0.80
3.36
5.00
1.28
LTR100L
LTR100
0.89
5.01
6.40
2.06
A
B
C
D
<Marking method>
There are four digits used for the calculation
umber. “L” means decimal point of mΩ unit in
case resistance
value is 0.01Ω or less. “R” means decimal point
of Ω unit in case resistance value is above
0.01Ω.
Example :
4digits……10mΩ=10L0, 100mΩ=R100
3digits……100mΩ=R10,
W
W
a
a
Part No.
mm
(inch)
L
W
t
a
b
Marking
existence
LTR10L
1220
0508
1.2±0.15
2.0±0.15
0.55±0.10
0.25±0.15
0.35±0.20
No
LTR18
1632
0612
1.6±0.10
3.2±0.10
0.58±0.10
0.50±0.20
0.50±0.20
No
LTR50
2550
1020
2.5±0.15
5.0±0.15
0.58±0.15
0.38±0.20
0.90±0.20
Yes
LTR100L
3264
1225
3.1±0.15
6.4±0.15
0.58±0.15
0.50±0.25
1.00±0.25
No
LTR100
3264
1225
3.2±0.15
6.4±0.15
0.55±0.15
0.40±0.25
1.13±0.25
No



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com