Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV2903/AHA Datasheet(PDF) 14 Page - Microchip Technology

Part # HV2903/AHA
Description  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2903/AHA Datasheet(HTML) 14 Page - Microchip Technology

Back Button HV2903/AHA Datasheet HTML 10Page - Microchip Technology HV2903/AHA Datasheet HTML 11Page - Microchip Technology HV2903/AHA Datasheet HTML 12Page - Microchip Technology HV2903/AHA Datasheet HTML 13Page - Microchip Technology HV2903/AHA Datasheet HTML 14Page - Microchip Technology HV2903/AHA Datasheet HTML 15Page - Microchip Technology HV2903/AHA Datasheet HTML 16Page - Microchip Technology HV2903/AHA Datasheet HTML 17Page - Microchip Technology HV2903/AHA Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
HV2803/HV2903/HV2904
DS20005721C-page 14
 2017-2019 Microchip Technology Inc.
4.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = 6.0V, VSS =-6.0V, VLL =3.3V, TAMB =+25°C.
FIGURE 4-1:
RONS at 5 mA vs. VDD/VSS.
FIGURE 4-2:
IDD/ISS vs. Switching
Frequency.
FIGURE 4-3:
IDDQ/ISSQ vs. Temperature.
FIGURE 4-4:
IDDS/ISSS vs. Temperature.
FIGURE 4-5:
ILLQ/ILLS vs. Temperature.
FIGURE 4-6:
TON/TOFF vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
2
4
6
8
10
12
14
44.555.566.5
VDD/VSS (V)
±
±
±±
±
±
+25°C
0°C
+70°C
0
2
4
6
8
10
12
14
0
10
20304050
60
Switching Frequency (kHz)
0°C
+70°C
0°C
+25°C
+25°C
+70°C
IDD +70°C
IDD +25°C
IDD +0°C
ISS +0°C
ISS +25°C
ISS +70°C
0
0.5
1
1.5
2
2.5
3
3.5
4
0
20406080
Temperature (°C)
I
DDQ SW Off (mA)
I
SSQ SW Off (mA)
I
SSQ SW On (mA)
I
DDQ SW On (mA)
0
10
20
30
40
50
60
70
80
0
10
20
304050607080
Temperature (°C)
I
DDS (μA)
I
SSS (μA)
0
1
2
3
4
5
6
7
8
9
0
102030
40
50607080
Temperature (C°)
I
LLQ (μA)
I
LLS (μA)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1020304050
60
7080
Temperature (C°)
T
OFF (μs)
T
ON (μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com