Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V86 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP6V86
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V86 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP6V86 Datasheet HTML 20Page - Microchip Technology MCP6V86 Datasheet HTML 21Page - Microchip Technology MCP6V86 Datasheet HTML 22Page - Microchip Technology MCP6V86 Datasheet HTML 23Page - Microchip Technology MCP6V86 Datasheet HTML 24Page - Microchip Technology MCP6V86 Datasheet HTML 25Page - Microchip Technology MCP6V86 Datasheet HTML 26Page - Microchip Technology MCP6V86 Datasheet HTML 27Page - Microchip Technology MCP6V86 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
MCP6V86/6U/7/9
DS20006398A-page 24
 2020 Microchip Technology Inc.
Typical thermojunctions have temperature-to-voltage
conversion coefficients of 1 to 100 µV/°C (sometimes
higher).
Microchip’s AN1258 “Op Amp Precision Design: PCB
Layout Techniques” (DS01258) contains in-depth
information on PCB layout techniques that minimize
thermojunction effects. It also discusses other effects,
such as crosstalk, impedances, mechanical stresses
and humidity.
4.3.10.2
Crosstalk
DC crosstalk causes offsets that appear as a larger
input offset voltage. Common causes include:
• Common-mode noise (remote sensors)
• Ground loops (current return paths)
• Power supply coupling
Interference from the mains (usually 50 Hz or 60 Hz)
and other AC sources can also affect the DC perfor-
mance. Nonlinear distortion can convert these signals
to multiple tones, including a DC shift in voltage. When
the signal is sampled by an ADC, these AC signals can
also be aliased to DC, causing an apparent shift in
offset.
To reduce interference:
• Keep traces and wires as short as possible
• Use shielding
• Use ground plane (at least a star ground)
• Place the input signal source near the DUT
• Use good PCB layout techniques
• Use a separate power supply filter (bypass
capacitors) for these zero-drift op amps
4.3.10.3
Miscellaneous Effects
Keep the resistances seen by the input pins as small,
and as near to equal, as possible to minimize bias
current related offsets.
Make the (trace) capacitances seen by the input pins
small and equal. This is helpful in minimizing switching
glitch induced offset voltages.
Bending a coax cable with a radius that is too small
causes a small voltage drop to appear on the center
conductor (the triboelectric effect). Make sure the
bending radius is large enough to keep the conductors
and insulation in full contact.
Mechanical stresses can make some capacitor types
(such as some ceramics) output small voltages. Use
more appropriate capacitor types in the signal path and
minimize mechanical stresses and vibration.
Humidity can cause electrochemical potential voltages
to appear in a circuit. Proper PCB cleaning helps, as
does the use of encapsulants.
4.4
Typical Applications
4.4.1
WHEATSTONE BRIDGE
Many sensors are configured as Wheatstone bridges.
Strain gauges and pressure sensors are two common
examples. These signals can be small and the
Common-mode noise large. Amplifier designs with
high differential gain are desirable.
Figure 4-11 shows how to interface to a Wheatstone
bridge with a minimum of components. Because the
circuit is not symmetric, the ADC input is single-ended
and there is a minimum of filtering; the CMRR is good
enough for moderate Common-mode noise.
FIGURE 4-11:
Simple Design.
4.4.2
RTD SENSOR
The ratiometric circuit in Figure 4-12 conditions a
two-wire RTD for applications with a limited tempera-
ture range. U1 acts as a difference amplifier with a
low-frequency pole. The sensor’s Wiring Resistance
(RW) is corrected in firmware. Failure (open) of the RTD
is detected by an out-of-range voltage.
FIGURE 4-12:
RTD Sensor.
VDD
RR
RR
100R
0.01C
ADC
VDD
0.2R
0.2R
1kΩ
U1
MCP6V86
+
–
+
–
RF
10 nF
ADC
VDD
RN
1.0 µF
VDD
RW
RT
RB
RRTD
RG
100Ω
1.00 kΩ
4.99 kΩ
34.8 kΩ
2.00 MΩ
10.0 kΩ
U1
MCP6V86
RW
10.0 kΩ
RF
2.00 MΩ
10 nF
100 nF
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com