Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V867 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6V867
Description  5 MHz, 0.5 mA, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V867 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6V867 Datasheet HTML 25Page - Microchip Technology MCP6V867 Datasheet HTML 26Page - Microchip Technology MCP6V867 Datasheet HTML 27Page - Microchip Technology MCP6V867 Datasheet HTML 28Page - Microchip Technology MCP6V867 Datasheet HTML 29Page - Microchip Technology MCP6V867 Datasheet HTML 30Page - Microchip Technology MCP6V867 Datasheet HTML 31Page - Microchip Technology MCP6V867 Datasheet HTML 32Page - Microchip Technology MCP6V867 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006398A-page 29
MCP6V86/6U/7/9
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Device
Code
MCP6V86T-E/OT
AAA3Y
MCP6V86UT-E/OT
AAA4Y
Device
Code
MCP6V86UT-E/LTY
FZNN
5-Lead SC70 (MCP6V86U)
XXNN
Example
FZ56
XXXXY
5-Lead SOT-23 (MCP6V86, MCP6V86U)
WWNNN
AAA30
Example
36256
XXXXXX
8-Lead MSOP (MCP6V87)
YWWNNN
6V87
Example
036256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com