Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

101SHT100DC1LE Datasheet(PDF) 32 Page - Exxelia Group

Part # 101SHT100DC1LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

101SHT100DC1LE Datasheet(HTML) 32 Page - Exxelia Group

Back Button 101SHT100DC1LE Datasheet HTML 26Page - Exxelia Group 101SHT100DC1LE Datasheet HTML 27Page - Exxelia Group 101SHT100DC1LE Datasheet HTML 28Page - Exxelia Group 101SHT100DC1LE Datasheet HTML 29Page - Exxelia Group 101SHT100DC1LE Datasheet HTML 30Page - Exxelia Group 101SHT100DC1LE Datasheet HTML 31Page - Exxelia Group 101SHT100DC1LE Datasheet HTML 32Page - Exxelia Group 101SHT100DC1LE Datasheet HTML 33Page - Exxelia Group 101SHT100DC1LE Datasheet HTML 34Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
CERAMIC CAPACITORS
14
www.exxelia.com
info@exxelia.com
Page revised 06/20
Taping : dimensions
EIA STANDARD CAPACITANCE VALUES
Following EIA standard, the values and multiples that are indicated in the chart
below can be ordered. E48, E96 series and intermediary values are available
upon request.
E6
(± 20%)
E12
(± 10%)
E24
(± 5%)
10
10
10
11
12
12
13
15
15
15
16
18
18
20
22
22
22
24
27
27
30
33
33
33
36
39
39
43
47
47
47
51
56
56
62
68
68
68
75
82
82
91
EIA CAPACITANCE CODE
The capacitance is expressed in three digit codes and in units of pico Farads (pF).
The first and second digits are significant figures of the capacitance value and
the third digit identifies the multiplier.
For capacitance value < 10pF, R designates a decimal point.
See examples below:
EIA code
Capacitance value
in pF
in nF
in
µF
2R2
2.2
0.0022
0.0000022
6R8
6.8
0.0068
0.0000068
220
22
0.022
0.000022
470
47
0.047
0.000047
181
180
0.18
0.00018
221
220
0.22
0.00022
102
1,000
1
0.001
272
2,700
2.7
0.0027
123
12,000
12
0.012
683
68,000
68
0.068
124
120,000
120
0.12
564
560,000
560
0.56
335
3,300,000
3,300
3.3
825
8,200,000
8,200
8.2
156
15,000,000
15,000
15
686
68,000,000
68,000
68
107
100,000,000
100,000
100
227
220,000,000
220,000
220
PART MARKING VOLTAGE CODES
Use the following voltage code chart for part markings:
Voltage (V)
Code
Letter code
25
250
A
40
400
B
50
500
C
63
630
D
100
101
E
200
201
G
250
251
H
400
401
K
500
501
L
1,000
102
M
2,000
202
P
3,000
302
R
4,000
402
S
5,000
502
T
7,500
752
U
10,000
103
W
PART MARKING TOLERANCE CODES
Use the following tolerance code chart for part markings:
Tolerance
Letter code
±0.25pF
CU
±0.5pF
DU
±1pF
FU
±1%
F
±2%
G
±5%
J
±10%
K
±20%
M
User Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com