Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QL82SD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QL82SD Datasheet HTML 1Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 2Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 3Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 4Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 5Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 6Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 7Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 8Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
3
www.quicklogic.com
General Description
LVDS SERDES Transmitter and Receiver
A QuickSD LVDS SERDES device in serializer mode takes a parallel data bus and a separate
clock and converts them into a serial data stream. In deserializer mode, it takes a serial data
stream and converts it to a configurable bit wide parallel data bus and separate clock. The
reduced number of I/O board traces and cable connectors saves on cost and significantly
simplifies design. Skew and timing issues are significantly reduced and performance is
enhanced. Figure 2 and Figure 3 illustrate the block diagrams of the QuickSD device
transmitter and receiver.
Figure 2: LVDS SERDES Transmitter Block Diagram
Figure 3: LVDS SERDES Receiver Block Diagram
RL = 27 Ω - 100 Ω
Vo +
Vo -
IL = 8-12 mA
Do +
Do -
300k
300k
/Enable
Parallel to Serial
.
.
.
.
txd [9:0]
TTL_Din
Din +
Din -
300k W
300k W
VCM = 0.2 V - 2.2 V
Serial to Parallel
.
.
.
.
FPGA
rxd [9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com