Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P4KA11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P4KA11
Description  Automotive Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4KA11 Datasheet(HTML) 2 Page - Vishay Siliconix

  P4KA11 Datasheet HTML 1Page - Vishay Siliconix P4KA11 Datasheet HTML 2Page - Vishay Siliconix P4KA11 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P4KA6.8 thru P4KA43A
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88364
2
03-May-02
Electrical Characteristics (TA = 25°C unless otherwise noted)
TJ = 150°C
Maximum
Maximum
Breakdown Voltage
Maximum
Maximum
Peak Pulse
Maximum
Temp.
V(BR)
(1) at IT
Test
Stand-off
Reverse
Reverse
Surge
Clamping
Coefficient
(V)
Current
Voltage
Leakage
Leakage
Current
Voltage
of
IT
VWM
at VWM
at VWM
IPPM
(2)
at lPPM
V(BR)
Device Type
Min
Max
(mA)
(V)
ID (
µA)
ID (
µA)
(A)
VC (V)
(% / °C)
P4KA6.8
6.12
7.48
10
5.50
300
1000
37.0
10.8
0.057
P4KA6.8A
6.45
7.14
10
5.80
300
1000
38.1
10.5
0.057
P4KA7.5
6.75
8.25
10
6.05
150
500
34.2
11.7
0.060
P4KA7.5A
7.13
7.88
10
6.40
150
500
35.4
11.3
0.061
P4KA8.2
7.38
9.02
10
6.63
50
200
32.0
12.5
0.065
P4KA8.2A
7.79
8.61
10
7.02
50
200
33.1
12.1
0.065
P4KA9.1
8.19
10.0
1.0
7.37
10
50
29.0
13.8
0.068
P4KA9.1A
8.65
9.55
1.0
7.78
10
50
29.9
13.4
0.068
P4KA10
9.00
11.0
1.0
8.10
5.0
20
26.7
15.0
0.073
P4KA10A
9.50
10.5
1.0
8.55
5.0
20
27.6
14.5
0.073
P4KA11
9.90
12.1
1.0
8.92
1.0
5.0
24.7
16.2
0.075
P4KA11A
10.5
11.6
1.0
9.40
1.0
5.0
25.6
15.6
0.075
P4KA12
10.8
13.2
1.0
9.72
1.0
5.0
23.1
17.3
0.076
P4KA12A
11.4
12.6
1.0
10.2
1.0
5.0
24.0
16.7
0.078
P4KA13
11.7
14.3
1.0
10.5
1.0
5.0
21.1
19.0
0.081
P4KA13A
12.4
13.7
1.0
11.1
1.0
5.0
22.0
18.2
0.081
P4KA15
13.5
16.3
1.0
12.1
1.0
5.0
18.2
22.0
0.084
P4KA15A
14.3
15.8
1.0
12.8
1.0
5.0
18.9
21.2
0.084
P4KA16
14.4
17.6
1.0
12.9
1.0
5.0
17.0
23.5
0.086
P4KA16A
15.2
16.8
1.0
13.6
1.0
5.0
17.8
22.5
0.086
P4KA18
16.2
19.8
1.0
14.5
1.0
5.0
15.1
26.5
0.088
P4KA18A
17.1
18.9
1.0
15.3
1.0
5.0
15.9
25.5
0.088
P4KA20
18.0
22.0
1.0
16.2
1.0
5.0
13.7
29.1
0.090
P4KA20A
19.0
21.0
1.0
17.0
1.0
5.0
14.4
27.7
0.090
P4KA22
19.8
24.2
1.0
17.8
1.0
5.0
12.5
31.9
0.092
P4KA22A
20.9
23.1
1.0
18.8
1.0
5.0
13.1
30.6
0.092
P4KA24
21.6
26.4
1.0
19.4
1.0
5.0
11.5
34.2
0.094
P4KA24A
22.8
25.2
1.0
20.5
1.0
5.0
12.0
33.2
0.094
P4KA27
24.3
29.7
1.0
21.8
1.0
5.0
10.2
39.1
0.096
P4KA27A
25.7
28.4
1.0
23.1
1.0
5.0
10.7
37.5
0.096
P4KA30
27.0
33.0
1.0
24.3
1.0
5.0
9.2
43.5
0.097
P4KA30A
28.5
31.5
1.0
25.6
1.0
5.0
9.7
41.4
0.097
P4KA33
29.7
36.3
1.0
26.8
1.0
5.0
8.4
47.7
0.098
P4KA33A
31.4
34.7
1.0
28.2
1.0
5.0
8.8
45.7
0.098
P4KA36
32.4
39.6
1.0
29.1
1.0
5.0
7.7
52.0
0.099
P4KA36A
34.2
37.8
1.0
30.8
1.0
5.0
8.0
49.9
0.099
P4KA39
35.1
42.9
1.0
31.6
1.0
5.0
7.1
56.4
0.100
P4KA39A
37.1
41.0
1.0
33.3
1.0
5.0
7.4
53.9
0.100
P4KA43
38.7
47.3
1.0
34.8
1.0
5.0
6.5
61.9
0.101
P4KA43A
40.9
45.2
1.0
36.8
1.0
5.0
6.7
59.3
0.101
Notes:
(1) V(BR) measured after IT applied for 300
µs, IT = square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derated per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com