Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3017W2SAM99A20X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 3017W2SAM99A20X
Description  D-SUB COMBINATION FEMALE 17W2S SOLDER CUP with threaded insert
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

3017W2SAM99A20X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  3017W2SAM99A20X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
( 5 : 1 )
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
3017W2SAM99A20X CONEC ABC
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
13K1A3749
A3
1
D-SUB COMBINATION FEMALE
SEE NOTES
Henneboel
29.08.11
29.08.11
Fischer
17W2S SOLDER CUP
with threaded insert
2:1 (5:1)
3017W2SAM99A20X
a
Original
10°
SEE NOTE 8
8 - 0,23
0,02
+
53,09 - 0,43
0,33
+
38,51 - 0,26
0
+
1,16
n
(15x)
NOTES:
1. METALSHELLS: STEEL; min. 315µin TIN over 40-80µin NICKEL
2. INSULATORS: PBT GF UL 94 V-0, GREEN
3. SIGNAL CONTACTS: COPPER ALLOY
PLATING: GOLD FLASH over NICKEL
SOLDER CUP ACCEPTS CABLE AWG 20
4. NO CONTACTS OPN POS. A1 -A2
5. THREADED INSERTS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
6. COLLARS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
7. MAXIMUM TORQUE VALUE FOR THREAD: 6 in.LB
8. CONNECTOR IS PART MARKED: 3017W2SAM99A20X CONEC ABC
Directive 2002/95/EC RoHS compliant
47,04 `0,13
3
M


Similar Part No. - 3017W2SAM99A20X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
3017W2SAM99A10X CONEC-3017W2SAM99A10X Datasheet
77Kb / 1P
D-SUB COMBINATION FEMALE 17W2S SOLDER CUP
23.08.2005
3017W2SAM99A30X CONEC-3017W2SAM99A30X Datasheet
257Kb / 1P
D-SUB COMBINATION FEMALE 17W2S SOLDER CUP with threaded insert
08.08.11
3017W2SAM99A60X CONEC-3017W2SAM99A60X Datasheet
254Kb / 1P
D-SUB COMBINATION FEMALE 17W2S SOLDER CUP with float mount
20.12.12
More results

Similar Description - 3017W2SAM99A20X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
3005W1SAM99A30X CONEC-3005W1SAM99A30X Datasheet
607Kb / 1P
D-SUB COMBINATION FEMALE 5W1S SOLDER CUP with threaded insert
27.03.13
3011W1SAM99A20X CONEC-3011W1SAM99A20X Datasheet
130Kb / 1P
D-SUB COMBINATION FEMALE 11W1S SOLDER CUP with threaded insert
15.08.2014
3013W3SAM99A20X CONEC-3013W3SAM99A20X Datasheet
240Kb / 1P
D-SUB COMBINATION FEMALE 13W3S SOLDER CUP with threaded insert
27.06.14
3017W2SAM99A10X CONEC-3017W2SAM99A10X Datasheet
77Kb / 1P
D-SUB COMBINATION FEMALE 17W2S SOLDER CUP
23.08.2005
3017W2SAM99A30X CONEC-3017W2SAM99A30X Datasheet
257Kb / 1P
D-SUB COMBINATION FEMALE 17W2S SOLDER CUP with threaded insert
08.08.11
3017W2SAR99A30X CONEC-3017W2SAR99A30X Datasheet
1Mb / 1P
D-SUB Combination Female 17W2S with threaded insert
23.01.17
3017W2SAR76A30X CONEC-3017W2SAR76A30X Datasheet
372Kb / 1P
D-SUB Combination Female 17W2S with threaded insert
08.06.2020
3017W2SAM62A10X CONEC-3017W2SAM62A10X Datasheet
228Kb / 1P
D-SUB COMBINATION FEMALE 17W2S SOLDER CUP
22.06.12
3017W2SAM62A30X CONEC-3017W2SAM62A30X Datasheet
380Kb / 1P
D-SUB Combination Female 17W2S Solder cup with theaded insert
30.04.2021
3017W2SCM44A10X CONEC-3017W2SCM44A10X Datasheet
638Kb / 1P
D-SUB COMBINATION FEMALE 17W2S SOLDER CUP
12.03.02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com