| Electronic Components Datasheet Search |
|
MIMXRT2012CVL4A Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MIMXRT2012CVL4A Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 103 page ![]() Table 2. i.MX RT1060X modules list (continued) Block Mnemonic Block Name Subsystem Brief Description GPT1 GPT2 General Purpose Timer Timer Peripherals Each GPT is a 32-bit "free-running" or "set and forget" mode timer with programmable prescaler and compare and capture register. A timer counter value can be captured using an external event and can be configured to trigger a capture event on either the leading or trailing edges of an input pulse. When the timer is configured to operate in "set and forget" mode, it is capable of providing precise interrupts at regular intervals with minimal processor intervention. The counter has output compare logic to provide the status and interrupt at comparison. This timer can be configured to run either on an external clock or on an internal clock. KPP Keypad Port Human Machine Interfaces The KPP is a 16-bit peripheral that can be used as a keypad matrix interface or as general purpose input/ output (I/O). It supports 8 x 8 external key pad matrix. Main features are: • Multiple-key detection • Long key-press detection • Standby key-press detection • Supports a 2-point and 3-point contact key matrix LCDIF LCD interface Multimedia Peripherals The LCDIF is a general purpose display controller used to drive a wide range of display devices varying in size and capabilities. The LCDIF is designed to support dumb (synchronous 24-bit Parallel RGB interface) and smart (asynchronous parallel MPU interface) LCD devices. LPI2C1 LPI2C2 LPI2C3 LPI2C4 Low Power Inter integrated Circuit Connectivity and Communications The LPI2C is a low power Inter-Integrated Circuit (I2C) module that supports an efficient interface to an I2C bus as a master. The I2C provides a method of communication between a number of external devices. For detailed information, see LPI2C module timing parameters. LPSPI1 LPSPI2 LPSPI3 LPSPI4 Low Power Serial Peripheral Interface Connectivity and Communications The LPSPI is a low power Serial Peripheral Interface (SPI) module that support an efficient interface to an SPI bus as a master and/or a slave. • It can continue operating while the chip is in stop modes, if an appropriate clock is available • Designed for low CPU overhead, with DMA off loading of FIFO register access LPUART1 LPUART2 UART Interface Connectivity Peripherals Each of the UART modules support the following serial data transmit/receive protocols and configurations: • 7- or 8-bit data words, 1 or 2 stop bits, programmable Table continues on the next page... NXP Semiconductors Modules List i.MX RT1060X Crossover Processors for Extended Products , Rev. 1, 06/2022 Data Sheet: Technical Data 13 / 103 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |