Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CR3602AB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CR3602AB
Description  Thyristors (SiBOD Breakover Devices)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CR3602AB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CR3602AB Datasheet HTML 1Page - List of Unclassifed Manufacturers CR3602AB Datasheet HTML 2Page - List of Unclassifed Manufacturers CR3602AB Datasheet HTML 3Page - List of Unclassifed Manufacturers CR3602AB Datasheet HTML 4Page - List of Unclassifed Manufacturers CR3602AB Datasheet HTML 5Page - List of Unclassifed Manufacturers CR3602AB Datasheet HTML 6Page - List of Unclassifed Manufacturers CR3602AB Datasheet HTML 7Page - List of Unclassifed Manufacturers CR3602AB Datasheet HTML 8Page - List of Unclassifed Manufacturers CR3602AB Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5.21/5.59
4.06/4.57
.102
.203
0.76/1.27
Seating Plane
0.076 max.
2.0
3.30-3.81
2.18/2.44
2.26
Solder pads
All dimensions in mm
2.1
2.74
2.16
To Order: 1-877-502-5500 Fax: 1-858-715-7280
5
Thyristors (SiBOD ™ Breakover Devices)
SiBOD
Series
DO-214
TAPE & REEL PACKAGING
Our surface-mount components are
placed in embossed cavities of anti-stat-
ic/conductive carrier tape and sealed
with a cover tape. The taped devices are
supplied in reels in protective boxes. The
standard Crydom lead-tape packaging of
surface-mount components follow the
requirements of EIA 481-1, shown below:
• Cover Tape: This will not extend over
the edge of the carrier tape or extend
over any part of the sprocket holes.
• Carrier Tape: This will release from the
reel hub as the last portion of the tape
unwinds from the reel without damage to
the carrier tape and with the components
remaining in the cavities.
• Leader Tape: A minimum length of
300mm leader (and trailer) of tape will
be provided before the first (and after
the last) component on the reel, with a
minimum of forty empty component car-
rier pockets covered with tape.
Direction of tape feed
Sprocket holes
Cover tape
Embossed carrier
JEDEC CASE
TYPE
DO-214AA
TAPE
WIDTH
(mm)
12
QUANTITY PER REEL
330mm Reel
(øD) (T3)
3000
CR
S
Voltage
PP
Maximum
A = 50A (10 x 560
µs)
B = 100A (10 x 560
µs)
C = 500A (2 x 10
µs)
Peak Pulse
2/10µs
8/20µs
10/160µs
10/560µs
10/1000µs
SA
-
150
100
50
-
SB
-
250
150
100
-
SC
500
400
200
-
100
Stock
Device Code
Reverse
Maximum
Maximum
Maximum
Maximum
Minimum
Typical
Number
Stand-off
Breakover
Voltage
Reverse
Breakover
Holding
Capacitance
Voltage
Voltage
Turnon
Leakage
Current
Current
@1MHz
(V
R)(VBO) @ IBO
(V
T
) @ 1A
(I
R
) @ VR
(I
BO
)
(I
H
)
2V Bias
V
VVµA
mA
mA
pF
CR0300 SA, SB, SC
CR0640 SA, SB, SC
CR0720 SA, SB, SC
CR0800 SA, SB, SC
CR1100 SA, SB, SC
CR1300 SA, SB, SC
CR1500 SA, SB, SC
CR1800 SA, SB, SC
CR2300 SA, SB, SC
CR2600 SA, SB, SC
CR3100 SA, SB, SC
CR3500 SA, SB, SC
CR4000 SA, SB, SC
030 A, B, or C
064 A, B, or C
072 A, B, or C
080 A, B, or C
110 A, B, or C
130 A, B, or C
150 A, B, or C
180 A, B, or C
230 A, B, or C
260 A, B, or C
310 A, B, or C
350 A, B, or C
400 A, B or C
Electrical Characteristics
DO-214
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
800.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
150.0
5
5
5
5
5
5
5
5
5
5
5
5
5
200.0
120.0
90.0
90.0
90.0
60.0
60.0
60.0
45.0
45.0
45.0
45.0
45.0
40
77
88
98
130
160
180
220
260
300
350
400
450
5
5
5
5
5
5
5
5
5
5
5
5
5
25
58
65
75
90
120
140
160
190
220
275
320
375
*Note: The typical capacitance values listed in this chart are for SA and SB. SC capacitance is approximately double that of SA and SB.
*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com