Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M61251AFP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M61251AFP
Description  Single-chip NTSC TV signal processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61251AFP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M61251AFP Datasheet HTML 8Page - Renesas Technology Corp M61251AFP Datasheet HTML 9Page - Renesas Technology Corp M61251AFP Datasheet HTML 10Page - Renesas Technology Corp M61251AFP Datasheet HTML 11Page - Renesas Technology Corp M61251AFP Datasheet HTML 12Page - Renesas Technology Corp M61251AFP Datasheet HTML 13Page - Renesas Technology Corp M61251AFP Datasheet HTML 14Page - Renesas Technology Corp M61251AFP Datasheet HTML 15Page - Renesas Technology Corp M61251AFP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
M61251AFP
Rev.1.0, Sep.22.2003, page 14 of 15
Read:
KILLERB
1
00H
D7
Color killer information output; 1 when killer is off.
AFTO
1
00H
D3
AFT information output (note 1)
AFT1
1
00H
D2
AFT information output (note 1)
HCOINB
1
00H
D1
Horizontal sync detection, not synchronized = 1
VCOINB
1
00H
D5
Vertical sync detection, not detected = 1
STDETB
1
00H
D4
Station detection in TV mode, not detected = 1
Note 1: AFT0 / AFT1, read byte: AFT OUTPUT
AFT0/AFT1
<READ BYTE: AFT OUTPUT>
0
1
0
0
1
0
1
1
AFT1
AFT0
fo
+100kHz
–100kHz
IF
Intelligent monitor
(1) Sub-address: 12H D4 to D7 (4 bits)
(2) Output pin: pin 18
(3) Specifications
Binary
Decimal
Hexad
ecimal
D7
D6
D5
D4
Output signal
Vcc
voltage
Specifications
AC / DC
0
0X
0
0
0
0
Composite sync
8V
0 / 5 V
Positive sync.
AC
1
1X
0
0
0
1
AFT OUT (pin2)
5V
DC
22X
0
0
1
0
RF AGC OUT
(pin59)
5V
95 / 100
DC
5
5X
0
1
0
1
TV / Y IN (pin41)
5V
1 Vp-p (typ.)
AC
6
6X
0
1
1
0
G OUT (pin15)
8V
1 / 2
AC
7
7X
0
1
1
1
R OUT (pin14)
8V
1 / 2
AC
8
8X
1
0
0
0
B OUT (pin16)
8V
1 / 2
AC
9
9X
1
0
0
1
ACL (pin33)
5V
0 dB
DC
10
AX
1
0
1
0
HOUT
5V
0 / 4 V
Positive sync.
AC
11
BX
1
0
1
1
VIF VCC (pin10)
8V
0 / 4.75 V
AC
12
CX
1
1
0
0
VIF VCC
(pin 3,4)
5V
AC
13
DX
1
1
0
1
START UP
VCC (pin 12)
8V
1 / 3
DC
14
EX
1
1
1
0
VIDEO /
CROMA VCC
(pin 39 40)
5V
DC
15
FX
1
1
1
1
HI VCC (pin44)
8V
1 / 3
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com