Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0907-2-CLIP Datasheet(PDF) 5 Page - Precid-Dip Durtal SA

Part # 0907-2-CLIP
Description  PRECISE, RELIABLE, AND COST EFFECTIVE STANDARD SOLUTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

0907-2-CLIP Datasheet(HTML) 5 Page - Precid-Dip Durtal SA

  0907-2-CLIP Datasheet HTML 1Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 2Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 3Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 4Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 5Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 6Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRECI-DIP SA Rue Saint-Henri 11 CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00 FAX +41 (0)32 421 04 01 E-MAIL sales@precidip.com www.precidip.com
SERIES 0900-CLIP
TECHNICAL SPECIFICATIONS:
Options available:
-
Other plating options on request
-
Other height or termination, please consult
Spring loaded contacts can be customized if required for specific needs. For any technical questions
about specifications of the product, do not hesitate to contact us: sales@precidip.com .
OPERATING CURRENT: Max 5 A
DYNAMIC CONTACT RESISTANCE: 20mΩ
OPERATING TEMPERATURE RANGE: -55/+125 °C
DURABILITY: 20'000 cycles
PRESS-IN MOUNT: Dia 1.58 mm hole insulator
MATERIALS / PLATINGS:
Barrel : CuZn36Pb3
- 0.125 µm Au / 2.5 µm Ni
Rod
: CuSn4Pb4Zn4 - 0.5µm Au / 2.5 µm Ni
Piston : CuZn36Pb3
- 0.5 µm Au / 2.5 µm Ni
Clip
: BeCu C17200 - 0.5 µm Au / 2.5 µm Ni
Spring: Stainless steel DIN 17224
High reliability spring loaded contact (SLC)
surface mount, clip design.
ORDERING NUMBER:
Bulk:
090X-X-CLIP:
See table below for final ordering number according
height and working range specifications
T&R Packaging:
090X-X-CLIP-02:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com