Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLC3055N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 4 Page - STMicroelectronics

  STLC3055N Datasheet HTML 1Page - STMicroelectronics STLC3055N Datasheet HTML 2Page - STMicroelectronics STLC3055N Datasheet HTML 3Page - STMicroelectronics STLC3055N Datasheet HTML 4Page - STMicroelectronics STLC3055N Datasheet HTML 5Page - STMicroelectronics STLC3055N Datasheet HTML 6Page - STMicroelectronics STLC3055N Datasheet HTML 7Page - STMicroelectronics STLC3055N Datasheet HTML 8Page - STMicroelectronics STLC3055N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
STLC3055N
4/25
3
FUNCTIONAL DESCRIPTION
The STLC3055N is a device specifically developed for WLL VoIP and ISDN-TA applications.
It is based on a SLIC core, on purpose optimised for these applications, with the addition of a DC/DC con-
verter controller to fulfil the WLL and ISDN-TA design requirements.
The SLIC performs the standard feeding, signalling and transmission functions.
It can be set in four different operating modes via the D0, D1, D2 pins of the control logic interface (0 to
3.3V logic levels). The loop status is carried out on the DET pin (active low).
The DET pin is an open drain output to allow easy interfacing with both 3.3V and 5V logic levels.
The four possible SLIC’s operating modes are:
Power Down
High Impedance Feeding (HI-Z)
Active
Ringing
22
CLK
Power Switch Controller Clock (typ. 125KHz). This pin can also be connected to CVCC or
AGND. When the CLK pin is connected to CVCC an auto-oscillation is internally generated
and it is used instead of the external clock. When the CLK pin is connected to AGND, the
GATE output is disabled.
23
GATE
Driver for external Power MOS transistor (P-channel).
24
RSENSE
Voltage input for current sensing. RSENSE should be connected close to this pin and
VPOS pin. The PCB layout should minimize the extra resistance introduced by the copper
tracks.
25
VPOS
Positive supply
26
CVCC
Internal positive voltage supply filter.
27
AGND
Analog Ground, must be shorted with BGND.
28
RLIM
Constant current feed programming pin (via RLIM). RLIM should be connected close to this
pin and AGND pin to avoid noise injection.
29
IREF
Internal bias current setting pin. RREF should be connected close to this pin and AGND pin
to avoid noise injection.
30
RTH
Off-hook threshold programming pin (via RTH). RTH should be connected close to this pin
and AGND pin to avoid noise injection.
31
RD
DC feedback and ring trip input. RD should be connected close to this pin and AGND pin to
avoid noise injection.
32
ILTF
Transversal line current image output.
33
CSVR
Battery supply filter capacitor.
34
BGND
Battery Ground, must be shorted with AGND.
35
VBAT
Regulated battery voltage self generated by the device via DC/DC converter. Must be
shorted to VBAT1.
37
RING
2 wire port; RING wire (Ib is the current sunk into this pin).
41
TIP
2 wire port; TIP wire (Ia is the current sourced from this pin).
43
CREV
Reverse polarity transition time control. One proper capacitor connected between this pin
and AGND is setting the reverse polarity transition time. This is the same transition time
used to shape the "trapezoidal ringing" during ringing injection.
44
VBAT1
Frame connection. Must be shorted to VBAT.
Pin
Function
Table 5. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com