Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW81102-EVB4G Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW81102-EVB4G
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102-EVB4G Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW81102-EVB4G Datasheet HTML 7Page - STMicroelectronics STW81102-EVB4G Datasheet HTML 8Page - STMicroelectronics STW81102-EVB4G Datasheet HTML 9Page - STMicroelectronics STW81102-EVB4G Datasheet HTML 10Page - STMicroelectronics STW81102-EVB4G Datasheet HTML 11Page - STMicroelectronics STW81102-EVB4G Datasheet HTML 12Page - STMicroelectronics STW81102-EVB4G Datasheet HTML 13Page - STMicroelectronics STW81102-EVB4G Datasheet HTML 14Page - STMicroelectronics STW81102-EVB4G Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
STW81102
Electrical specifications
11/43
VCO A Pushing(5)
4
7
MHz/V
VCO B Pushing(5)
14
20
MHz/V
VCTRL
VCO control voltage(5)
0.4
3
V
LO Harmonic Spurious(5)
-20
dBc
IVCOA
VCOA current consumption
fVCO=3.3GHz ; amplitude [11]
30
mA
fVCO=3.3GHz ; amplitude [00]
16
mA
IVCOB
VCOB current consumption
fVCO=4.3GHz ; amplitude [11]
22
mA
fVCO=4.3GHz ; amplitude [00]
11
mA
IVCOBUF
VCO buffer consumption
15
mA
IDIV2
DIVIDER by 2 consumption
17
mA
IDIV4
DIVIDER by 4 consumption
13
mA
LO OUTPUT BUFFER
PLO
Output level
0
dBm
RL
Return Loss(5)
Matched to 50ohm
15
dB
IOUTBUF
Current Consumption
DIV4 Buff
27
mA
DIV2 Buff
23
mA
Direct Output
39
mA
EXTERNAL VCO (Test purpose only)
Frequency range
3.0
4.65
GHz
Input level
0
+6
dBm
Current Consumption
VCO Internal Buffer
15
mA
PLL MISCELLANEOUS
IPLL
Current Consumption
Input Buffer, Prescaler, Digital
Dividers, misc.
12
mA
Tlock
Lock up time (5), (6)
25KHz PLL bandwidth; within
1 ppm of frequency error
150
µs
1.
In order to achieve best phase noise performance 1V peak level is suggested.
2.
The frequency step is related to the PFD input frequency as follows:
- fstep = fPFD for Direct Output
- fstep = fPFD/2 for Divided by 2 Output
- fstep = fPFD/4 for Divided by 4 Output
3.
see relationship between ICP and REXT in the Circuit Description section (Charge Pump)
4.
The level of the spurs may change depending on PFD frequency, Charge Pump current, selected channel and PLL loop
BW.
5.
Guaranteed by design and characterization.
6.
Frequency jump from 2300 to 2150 MHz; it includes the time required by the VCO calibration procedure (7 fPFD cycles with
fPFD=400KHz).
Table 5.
Electrical characteristics (continued)
All the Electrical Specifications are intended at 3.3V supply Voltage.
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com