Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-3528A10-R80 Datasheet(PDF) 11 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3528A10-R80
Description  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3528A10-R80 Datasheet(HTML) 11 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-3528A10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP. BL-3528A10-R80 Datasheet HTML 11Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 12 of 12
SI N CE 198 1
● Notes for designing:
Current limiting resistor must be used in the circuit to drive BRIGHT LEDs within the rated figures
and not to overload BRIGHT LEDs with instantaneous voltage at the turning ON and OFF cycles.
When using pulse driving, the average current must be within the rated figures. And the circuit should
be designed to avoid reverse voltage when turning off the BRIGHT LEDs.
● Storage:
In order to avoid the absorption of moisture, it is recommended to solder BRIGHT LEDs as soon as
possible after unpacking the sealed envelope.
If the envelope is still packed, to store it in the environment as following:
Temperature : 5℃-30℃(41℉)Humidity : RH 60﹪Max.
After this bag is opened, devices that will be applied to infrared reflow, vapor-phase reflow, or
equivalent soldering process must be:
Completed within 168 hours.
Stored at less than 30% RH.
Devices require baking before mounting, if:
(2) a or (2) b is not met.
If baking is required, devices must be baked under below conditions:
48 hours at 60℃±3℃.
● Package and Label of Products:
Package: Products are packed in one bag of 2000 pcs (one taping reel) and a label is attached to
each bag.
Label:
BRIGHT LED LOGO
Part No.
Quantity
BIN.
x
xx
xx
xx
Year Month Day
Manufacture Location
X X X X X
Sealing Date



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com