Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-3528N10-R80 Datasheet(PDF) 6 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3528N10-R80
Description  PLCC/Ceramic Based LED Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3528N10-R80 Datasheet(HTML) 6 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-3528N10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3528N10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3528N10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3528N10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3528N10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3528N10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3528N10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3528N10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-3528N10-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 7 of 11
SI N CE 198 1
● Reliability Test
Test Item
Test Conditions
Test Hours/
Cycles
Result
Steady State Operating Life of
High Temperature
IF=20mA
Ta=60℃
1,000hrs
0/20
Steady State Operating Life
IF=20mA
Ta=25℃
3,000hrs
0/20
Steady State Operating Life
Low Temperature Condition1
IF=20mA
Ta=-30℃
1,000hrs
0/20
Steady State Operating Life
Of High Humidity Heat
IF=20mA
Ta=60℃
RH=75%
1,000hrs
0/20
Thermal shock
-45
~
℃ +125℃
30 min
30 min
100cycle
0/20
Temperature
&Humidity
Cycling
Ta=25℃ ~ +65
~
℃
-10℃
RH=90%RH,24hr/1cycle
1cycle
0/20
Resistance to Soldering Heat Tsld=260℃,10sec(Pre
treatment30℃,70%,168hrs)
2times
0/20
ESD(HBM)
-R1:10 K
Ω,R2:1.5 KΩ,C:100 pF
Discharge Time:3 times
Min.2KV
0/5
● Judgment criteria of failure for the reliability
Note:
1. U means the upper limit of specified characteristics.
S means initial value.
2. After each test, remove test pieces, wait for 2 hours and test pieces have returned to ambient
temperature, then take next measurement.
Measuring items
Symbol
Measuring
conditions
Judgment criteria for failure
Forward voltage
VF (V)
IF=20mA
Over U
1x1.2
Reverse current
IR (uA)
VR=5V
Over U
1x2
Luminous intensity
Iv ( mcd )
IF=20mA
Below S
1X0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com