Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLUY240. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLUY240.
Description  Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUY240. Datasheet(HTML) 1 Page - Vishay Siliconix

  TLUY240. Datasheet HTML 1Page - Vishay Siliconix TLUY240. Datasheet HTML 2Page - Vishay Siliconix TLUY240. Datasheet HTML 3Page - Vishay Siliconix TLUY240. Datasheet HTML 4Page - Vishay Siliconix TLUY240. Datasheet HTML 5Page - Vishay Siliconix TLUY240. Datasheet HTML 6Page - Vishay Siliconix TLUY240. Datasheet HTML 7Page - Vishay Siliconix TLUY240. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLUO2401, TLUY240., TLUG240.
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 05-Jul-2022
1
Document Number: 83053
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: 1.8 mm (miniplast)
• Product series: standard
• Angle of half intensity: ± 20°
FEATURES
•Three colors
• For DC and pulse operation
• Luminous intensity categorized
• End-to-end stackable in center-to-center
spacing of 0.1" (2.54 mm)
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• General indicating and lighting purposes
19229
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at
IF
(mA)
WAVELENGTH
(nm)
at
IF
(mA)
FORWARD
VOLTAGE
(V)
at
IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TLUO2401
Red
4
10
20
10
612
618
625
10
-
2
3
20
GaAsP on GaP
TLUY2400
Yellow
1
8
-
10
581
586
594
10
-
2.4
3
20
GaAsP on GaP
TLUY2401
Yellow
2.5
6
12.5
10
581
586
594
10
-
2.4
3
20
GaAsP on GaP
TLUG2400
Green
1.6
10
-
10
562
568
575
10
-
2.4
3
20
GaP on GaP
TLUG2401
Green
4
12
20
10
562
568
575
10
-
2.4
3
20
GaP on GaP
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TLUO2401, TLUY240., TLUG240.
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage
VR
6V
DC forward current
TLUO2401
IF
30
mA
TLUY240.
IF
30
mA
TLUG240.
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
1A
Power dissipation
Tamb
≤ 55 °C
TLUO2401
PV
100
mW
TLUY240.
PV
100
mW
TLUG240.
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-55 to +100
°C
Soldering temperature
t
≤ 3 s, 2 mm from body
Tsd
260
°C
t
≤ 5 s, 4 mm from body
Tsd
260
°C
Thermal resistance junction to ambient
TLUO2401
RthJA
450
K/W
TLUY240.
RthJA
450
K/W
TLUG240.
RthJA
450
K/W


Similar Part No. - TLUY240.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUY240. VISHAY-TLUY240. Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
More results

Similar Description - TLUY240.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR240 VISHAY-TLUR240 Datasheet
112Kb / 8P
Universal LED, 1.8 mm Tinted Diffused Miniplast Package
04-Feb-99
TLUY240 VISHAY-TLUY240_V01 Datasheet
385Kb / 9P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
15-Sep-2021
TLUR240 VISHAY-TLUR240_V01 Datasheet
762Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUO2401 VISHAY-TLUO2401 Datasheet
416Kb / 8P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
05-Jul-2022
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
High Intensity LED, Ø 5 mm Tinted Diffused Package
29-Apr-13
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
27-Sep-2021
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
High Efficiency LED, Ø 5 mm Tinted Diffused Package
30-Nov-2022
TLPG5600V02 VISHAY-TLPG5600V02 Datasheet
210Kb / 9P
Side View LED, Ø 5 mm Tinted Diffused Package
14-Sep-2022
TLUR2401 VISHAY-TLUR2401_V02 Datasheet
761Kb / 5P
Universal LED, Ø 1.8 mm Tinted Diffused Miniplast Package
22-Apr-13
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
Universal LED in Ø 3 mm Tinted Diffused Package
16-Mar-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com