Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSIC-306 Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # TSIC-306
Description  High Precision, Rapid Response, Low Cost Temperature Sensor IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

TSIC-306 Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  TSIC-306 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG TSIC-306 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TSic™- 306
High Precision, Rapid Response, Low Cost Temperature Sensor IC
Feature Sheet
TSic
TM 306 Feature Sheet, Rev. 3.3, July 18, 2005
Page 2 of 2
© ZMD AG & IST AG, 2005
The information furnished here is believed to be correct and accurate; however, ZMD and IST shall not be liable to any licensee or third
party for any damages, including, but not limited to, personal injury, property damage, loss of profits, loss of use, interruption of business
or indirect, special, incidental, or consequential damages of any kind, in connection with or arising out of the furnishing, performance, or
use of this technical data. No obligation or liability to any licensee or third party shall result from ZMD or IST’s rendering of technical or
other services.
Absolute Maximum Ratings
PARAMETER
MIN TYP MAX UNITS
Supply Voltage (V+)
-0.3
6.0
V
Voltages at Analog I/O
Pins (VINA, VOUTA)
-0.3
VDDA+
0.
3
V
Storage Temperature
Range (Tstor)
-50
150
°C
Operating Conditions
PARAMETER
MIN
TYP MAX
UNITS
Supply Voltage to Gnd (V+)
1
2.97
5.0
5.5
V
Supply Current (IV+)
@ V+ = 3.3V, RT
30
45
80
µA
Ambient Temperature
Range (Tamb)
2
-50
150
°C
Output Load Capacitance
(CL)
3
10
15
nF
External Capacitance
Between V+ and Gnd (CV+)
4
80
100
470
nF
Output Load Resistance (RL)
Signal to Gnd (or V+)
5
2.5
10
K
1 With supply voltage 2.7V - 2.97V, accuracy is slightly
reduced; below 2.7V, functionality is unknown.
2 Output signal is limited to this ambient temperature (applies
to calibration, offset and gain).
3 When using the output as a digital output, the load capacitor
CL is limited by maximum rise time for ZACwire
TM.
4 Locate as close as possible to TSic’s V+ and Gnd pins.
5 When using the output as a digital output, no pull-down
resistor is allowed.
Temperature Accuracy
PARAMETER
MIN TYP MAX UNITS
Wide Range Device for -50° to 150°C
+10 to 90 °C
-0.3 ±0.3
0.3
°C
1
-20 to +10, 90-110
-0.2 +0.3 0.95
°C
1
-50 to –20, 110-150
0
+0.9
2.0
°C
1
1 2
σ value, plus 1 bit quantization error (0.1°C).
Available on request: TSic
TM products with cus-
tomer-specific special calibration which shifts the
80°C span (bandgap) with the high precision tem-
perature range of ±0.3 °C to a lower or higher
temperature range.
Output Examples for TSic
TM Devices
Temperature Measurement Range
-50°C to 150°C or -58°F to 302°F
(Wide Range Device)
TSic-301
TSic-303
TSic-306
1
Temp
(
oC)
Temp
(
oF)
Analog
0~1V
Analog
ratiometric
10~90%
Digital
1
-50
-58
0.000
10
0x000
-10
14
0.200
26
0x199
0
32
0.250
30
0x200
25
77
0.375
40
0x2FF
60
140
0.550
54
0x465
125
257
0.875
80
0x6FE
150
302
1.000
90
0x7FF
1 Temperature = (Digital signal / 2047 * 200 - 50) °C
For further
information:
ZMD America, Inc.
201 Old Country Road, Suite 204
Melville, NY 11747, USA
Phone +01 (631) 549-2666
Fax +01 (631) 549-2882
sales@zmda.com
www.zmd.biz
ZMD AG
Grenzstrasse 28
01109 Dresden, Germany
Tel.: +49 (0)351.8822.366
Fax: +49 (0)351.8822.337
sales@zmd.de
www.zmd.biz
ZMD Far East
Taipei World Center
Sinyi Road, Sec. 5, Suite 7A-03
Taipei 110, Taiwan
Phone +886 (2) 8786 1592
Fax +886 (2) 2723 3109
sales@zmd.de
www.zmd.biz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com