Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74ALVT162241DL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT162241DL
Description  2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162241DL Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT162241DL Datasheet HTML 1Page - NXP Semiconductors 74ALVT162241DL Datasheet HTML 2Page - NXP Semiconductors 74ALVT162241DL Datasheet HTML 3Page - NXP Semiconductors 74ALVT162241DL Datasheet HTML 4Page - NXP Semiconductors 74ALVT162241DL Datasheet HTML 5Page - NXP Semiconductors 74ALVT162241DL Datasheet HTML 6Page - NXP Semiconductors 74ALVT162241DL Datasheet HTML 7Page - NXP Semiconductors 74ALVT162241DL Datasheet HTML 8Page - NXP Semiconductors 74ALVT162241DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT162241
2.5V/3.3V 16-bit buffer/driver with
30
W termination resistors (3-State)
2
1998 Feb 13
853-2042 18960
FEATURES
• 16-bit bus interface
• 5V I/O Compatible
• 3-State buffers
• Output capability: +12mA/-12mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Outputs include series resistance of 30W making external
termination resistors unnecessary
• Live insertion/extraction permitted
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ALVT162241 is a high-performance BiCMOS product designed
for VCC operation at 2.5V or 3.3V with I/O compatibility up to 5V.
This device is a 16-bit buffer that is ideal for driving bus lines. The
device features four Output Enables (1OE, 2OE, 3OE, 4OE), each
controlling four of the 3-State outputs.
The 74ALVT162241 is designed with 30
W series resistance in both
High and Low output stages. This design reduces the line noise in
applications such as memory address drivers, clock drivers and bus
receivers/transmitters. The series termination resistors reduce
overshoot and undershoot and are ideal for driving memory arrays.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF
3.1
2.3
2.2
2.0
ns
CIN
Input capacitance nOE
VI = 0V or VCC
3
3
pF
COut
Output pin capacitance
VI/O = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT162241 DL
AV162241 DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT162241 DGG
AV162241 DGG
SOT362-1
LOGIC SYMBOL
1OE
1
1A0
47
1A1
46
1A2
44
1A3
43
2OE
48
2A0
41
2A1
2
40
2A2
38
3
2A3
37
5
6
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
8
9
11
12
3OE
25
3A0
36
3A1
35
3A2
33
3A3
32
4OE
24
4A0
30
4A1
13
29
4A2
27
14
4A3
26
16
17
3Y0
3Y1
3Y2
3Y3
4Y0
4Y1
4Y2
4Y3
19
20
22
23
SA00405
SCHEMATIC OF EACH OUTPUT
VCC
VCC
OUTPUT
27
Ω
27
Ω
SW00007



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com