Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATECC608A-TNGLORAS-B Datasheet(PDF) 67 Page - Microchip Technology

Part # ATECC608A-TNGLORAS-B
Description  ATECC608A for LoRaWAN™ Data Sheet
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608A-TNGLORAS-B Datasheet(HTML) 67 Page - Microchip Technology

Back Button ATECC608A-TNGLORAS-B Datasheet HTML 63Page - Microchip Technology ATECC608A-TNGLORAS-B Datasheet HTML 64Page - Microchip Technology ATECC608A-TNGLORAS-B Datasheet HTML 65Page - Microchip Technology ATECC608A-TNGLORAS-B Datasheet HTML 66Page - Microchip Technology ATECC608A-TNGLORAS-B Datasheet HTML 67Page - Microchip Technology ATECC608A-TNGLORAS-B Datasheet HTML 68Page - Microchip Technology ATECC608A-TNGLORAS-B Datasheet HTML 69Page - Microchip Technology ATECC608A-TNGLORAS-B Datasheet HTML 70Page - Microchip Technology ATECC608A-TNGLORAS-B Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
...........continued
Parameter
Sym.
Min. Typ. Max. Units
Conditions
Output Low Voltage
VOL
—
—
0.4
V
When device is in Active mode,
VCC = 2.5 to 5.5V
Output Low Current
IOL
—
—
4
mA
When device is in Active mode,
VCC = 2.5 to 5.5V, VOL = 0.4V
Theta JA
ƟJA
—
166
—
°C/W SOIC (SSH)
—
173
—
°C/W UDFN (MAH)
8.4.1
VIH and VIL Specifications
The input levels of the device will vary dependent on the mode and voltage of the device. The input voltage
thresholds when in Sleep or Idle mode are dependent on the VCC level as shown in Figure 8-3. When in Sleep or Idle
mode the TTLenable bit has no effect.
The active input levels of the ATECC608A-TNGLoRaWAN are fixed and do not vary with the VCC level. The input
levels transmitted to the device must comply with the table below.
Table 8-5. VIL, VIH on All I/O Interfaces (TTLenable = 0)
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Low Voltage
VIL
-0.5
—
0.5
V
When device is active and TTLenable bit in Configuration
memory is zero; otherwise, see above.
Input High Voltage
VIH
1.5
—
VCC + 0.5
V
When device is active and TTLenable bit in Configuration
memory is zero; otherwise, see above.
ATECC608A-TNGLoRaWAN
Electrical Characteristics
© 2020 Microchip Technology Inc.
Complete Datasheet
DS40002154B-page 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com