Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V96T-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6V96T-E/MS
Description  10 MHz, Zero-Drift Op Amps
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V96T-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6V96T-E/MS Datasheet HTML 11Page - Microchip Technology MCP6V96T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6V96T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6V96T-E/MS Datasheet HTML 14Page - Microchip Technology MCP6V96T-E/MS Datasheet HTML 15Page - Microchip Technology MCP6V96T-E/MS Datasheet HTML 16Page - Microchip Technology MCP6V96T-E/MS Datasheet HTML 17Page - Microchip Technology MCP6V96T-E/MS Datasheet HTML 18Page - Microchip Technology MCP6V96T-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
 2020 Microchip Technology Inc.
DS20006467A-page 15
MCP6V96/6U/7/9
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.4V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL and CL =30pF.
FIGURE 2-46:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-47:
Output Overdrive Recovery
vs. Time with G = -10 V/V.
FIGURE 2-48:
Output Overdrive Recovery
Time vs. Inverting Gain.
5.0
7.0
9.0
11.0
13.0
15.0
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Falling Edge, V
DD = 5.5V
Rising Edge, V
DD = 2.4V
Falling Edge, V
DD = 2.4V
Rising Edge, V
DD = 5.5V
-1
0
1
2
3
4
5
6
7
Time (50 s/div)
V
DD = 5.5 V
G = -10 V/V
0.5V Overdrive
V
OUT
GV
IN
V
OUT
GV
IN
1
10
100
1000
Inverting Gain Magnitude (V/V)
100µ
10µ
1µ
0.5V Input Overdrive
1m
V
DD = 2.4V
V
DD = 5.5V
t
ODR, high
t
ODR, low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com