Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP9600TE/MX Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP9600TE/MX
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9600TE/MX Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP9600TE/MX Datasheet HTML 33Page - Microchip Technology MCP9600TE/MX Datasheet HTML 34Page - Microchip Technology MCP9600TE/MX Datasheet HTML 35Page - Microchip Technology MCP9600TE/MX Datasheet HTML 36Page - Microchip Technology MCP9600TE/MX Datasheet HTML 37Page - Microchip Technology MCP9600TE/MX Datasheet HTML 38Page - Microchip Technology MCP9600TE/MX Datasheet HTML 39Page - Microchip Technology MCP9600TE/MX Datasheet HTML 40Page - Microchip Technology MCP9600TE/MX Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 37
MCP960X/L0X/RL0X
5.3
Temperature Alert Registers
This device provides four Temperature Alert registers
that are individually configured, which allow users to
monitor multiple temperature zones with a single
device. The following sections describe each alert
feature in detail.
5.3.1
ALERT LIMIT REGISTERS
This device integrates four individually controlled
Temperature Alert Limit registers. Each alert limit is
individually set to detect a rising or falling temperature,
or either the Thermocouple Temperature (TH) register
or the Cold-Junction (TC) register. The corresponding
alert limit outputs can also be enabled for temperature
status indicators. All alert functions are configured using
the Alert Limit Configuration registers (Register 5-11)
and the alert output hysteresis function is set using the
Alert Hysteresis registers (Register 5-10).
FIGURE 5-8:
Alert Limits Set to Detect TH and TC.
TABLE 5-4:
ALERT LIMIT REGISTERS
Register
Register Pointer
Alert 1 Limit – TALERT1
0001 0000
Alert 2 Limit – TALERT2
0001 0001
Alert 3 Limit – TALERT3
0001 0010
Alert 4 Limit – TALERT4
0001 0011
REGISTER 5-9:
ALERT LIMITS 1, 2, 3 AND 4 REGISTERS
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SIGN
1024°C
512°C
255°C
128°C
64°C
32°C
16°C
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
8°C
4°C
2°C
1°C
0.5°C
0.25°C
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
Alert 1, 2, 3 and 4: Data in Two’s Complement Format. Bit 15 is the sign bit and it is set when the
temperature data is less than 0°C. Bits 1 and 0 are unimplemented, therefore, writing these bits has
no effect.
TH
TC
Alert Limit
Alert Hysteresis
0
1
TH/TC
+/–
Rise/Fall
Digital Comparator
0
1
Output Mode Control
Comparator/Interrupt Mode
Int. Clear
0
1
Alert Output
Active High/Low
Comparator
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com