Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-5630A66-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-5630A66-R80
Description  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5630A66-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-5630A66-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-5630A66-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-5630A66-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5630A66-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5630A66-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5630A66-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5630A66-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5630A66-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5630A66-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 3 of 12
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
2.9
3.2
3.4
V
Luminous Intensity
Iv
12000
--
-
mcd
Luminous Flux
ΦV
24
--
-
lm
x
-
0.33
-
Chromaticity Coordinates
y
-
0.33
-
-
Color Temperature
CCT
4745
-
7040
K
Viewing Angle
2
θ
1/2
-
120
-
deg
Color Rendering Index
CRI
IF =65mA
80
-
-
-
● Typical Electro-Optical Characteristics Curves.
F o rw a rd c u rre n t (m A )
0
35
1.0
0.5
65
9 5
12 5
vs . fo rw ard current
F ig.5 R ela tive lum inou s intens ity
2.0
1.5
15 5
-2 5
0
0.5
1.0
1.5
2.0
2.5
10 0
50
25
0
75
A m bient tem pera tu re T a( C )
3.0
am b ien t te m p eratu re
Fig.4 R e la tiv e lu m ino us in te n s ity v s .
0.7
0.8
80
0.4
0.5
0.3
0.2
0.1
0.6
90
70
60
0.9
1.0
50
40
30
F ig.6 R adia tion diagram
10
02 0
F ig .1 R EL A T IV E IN T E N SIT Y V S. W A VEL EN G T H
0.0
38 0
0.2
0.6
WA V E L E N G T H
(n m )
43 0
480
53 0
58 0
63 0
680
73 0
80 0
0.1
0.5
0.8
[IF =6 5m A Ta =2 5
]
⊥
0.3
0.4
0.7
0.9
1.0
F ig.3 F orw ard cu rrent vs . fo rw ard v oltag e
F o rw ard voltag e(V )
20
1
0
3
40
60
80
100
7
59
0
A m bie nt tem peratu re T a( C )
40
20
60
100
80
F ig .2 F o rw ard c urre nt d erating c urv e
60
40
80
100
120
v s . am b ie nt te m perature
2
4
6
8
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com