Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-5630N10-R80 Datasheet(PDF) 6 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-5630N10-R80
Description  PLCC/Ceramic Based LED Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5630N10-R80 Datasheet(HTML) 6 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-5630N10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-5630N10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5630N10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5630N10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5630N10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5630N10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5630N10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5630N10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-5630N10-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 7 of 11
SI N CE 198 1
● Reliability Test
Classification
Test Item
Reference Standard
Test Conditions
Result
Operation Life MIL-STD-750:1026
MIL-STD-883:1005
JIS-C-7021
:B-1
IF=60mA
Ta=Under room temperature
Test time=1,000hrs
0/20
High
Temperature
High Humidity
Storage
MIL-STD-202:103B
JIS-C-7021
:B-11
Ta=+65℃±5℃
RH=90%-95%
Test time=240hrs
0/20
High
Temperature
Storage
MIL-STD-883:1008
JIS-C-7021
:B-10
High Ta=+85℃±5℃
Test time=1,000hrs
0/20
Endurance
Test
Low
Temperature
Storage
JIS-C-7021
:B-12
Low Ta=-35℃±5℃
Test time=1,000hrs
0/20
Temperature
Cycling
MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1010
JIS-C-7021
:A-4
-35℃ ~ +25℃ ~ +85℃ ~ +25℃
60min 20min
60min
20min
Test Time=5cycle
0/20
Thermal Shock MIL-STD-202:107D
MIL-STD-750:1051
MIL-STD-883:1011
-35℃±5℃ ~+85℃±5℃
20min
20min
Test Time=10cycle
0/20
Environmental
Test
Solder
Resistance
MIL-STD-202:201A
MIL-STD-750:2031
JIS-C-7021
:A-1
Preheating:
140℃-160℃,within 2 minutes.
Operation heating:
260℃(Max.), within 10seconds. (Max.)
0/20
● Judgment criteria of failure for the reliability
Measuring items
Symbol
Measuring conditions
Judgment criteria for failure
Forward voltage
VF (V)
IF=60mA
Over U
1x1.2
Reverse current
IR (uA)
VR=5V
Over U
1x2
Luminous intensity
Iv ( mcd )
IF=60mA
Below S
1X0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com