Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-5630N66-R80 Datasheet(PDF) 5 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-5630N66-R80
Description  PLCC/Ceramic Based LED Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5630N66-R80 Datasheet(HTML) 5 Page - American Bright OPTOELECTRONICS CORP.

  BL-5630N66-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5630N66-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 6 of 11
SI N CE 198 1
BIN
CCT(K)
Chromaticity Coordinates
x
0.3634
0.3548
0.3564
0.3658
0.3634
G-1
y
0.3801
0.3736
0.3888
0.3956
0.3801
x
0.3611
0.3529
0.3548
0.3634
0.3611
G-2
y
0.3658
0.3609
0.3736
0.3801
0.3658
x
0.3589
0.3512
0.3529
0.3611
0.3589
G-3
4500-4745K
y
0.3520
0.3465
0.3609
0.3658
0.3520
x
0.3736
0.3634
0.3658
0.3762
0.3736
H-1
y
0.3874
0.3801
0.3956
0.4024
0.3874
x
0.3700
0.3611
0.3634
0.3736
0.3700
H-2
y
0.3728
0.3658
0.3801
0.3874
0.3728
x
0.3670
0.3589
0.3611
0.3700
0.3670
H-3
4500K
(4260-4745K)
4260-4500K
y
0.3578
0.3520
0.3658
0.3728
0.3578
x
0.3780
0.3670
0.3700
0.3818
0.3780
J-1
y
0.3649
0.3578
0.3728
0.3797
0.3649
x
0.3818
0.3700
0.3736
0.3857
0.3818
J-2
y
0.3797
0.3728
0.3874
0.3949
0.3797
x
0.3857
0.3736
0.3762
0.3902
0.3857
J-3
3980-4260K
y
0.3949
0.3874
0.4024
0.4120
0.3949
x
0.4006
0.3857
0.3902
0.4056
0.4006
K-1
y
0.4044
0.3949
0.4120
0.4215
0.4044
x
0.3947
0.3818
0.3857
0.4006
0.3947
K-2
y
0.3867
0.3797
0.3949
0.4044
0.3867
x
0.3898
0.3780
0.3818
0.3947
0.3898
K-3
4000K
(3710-4260K)
3710-3980K
y
0.3716
0.3649
0.3797
0.3867
0.3716
●
BIN: x
x
x
V F BI N CO DE
C o l o r B I N C O D E
I n t e n s i t y B I N C O D E
Notes:
1. Iv:Tolerance for each Bin limit is ± 10 %
2. Color:Tolerance for each Bin limit is ±0.005
3. Bin categories are established for classification of products.
Products may not be available in all bin categories



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com