Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-5630W10-R80 Datasheet(PDF) 6 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-5630W10-R80
Description  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5630W10-R80 Datasheet(HTML) 6 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-5630W10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-5630W10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5630W10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5630W10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5630W10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5630W10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5630W10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5630W10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-5630W10-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 7 of 12
SI N CE 198 1
BIN
CCT(K)
Chromaticity Coordinates
x
0.4423
0.4299
0.4382
0.4515
0.4423
N-1
y
0.4212
0.4165
0.4365
0.4409
0.4212
x
0.4338
0.4227
0.4299
0.4423
0.4338
N-2
y
0.4030
0.3999
0.4165
0.4212
0.4030
x
0.4258
0.4147
0.4227
0.4338
0.4258
N-3
3045-3220K
y
0.3859
0.3814
0.3999
0.4030
0.3859
x
0.4562
0.4423
0.4515
0.4660
0.4562
P-1
y
0.4260
0.4212
0.4409
0.4452
0.4260
x
0.4469
0.4338
0.4423
0.4562
0.4469
P-2
y
0.4082
0.4030
0.4212
0.4260
0.4082
x
0.4373
0.4258
0.4338
0.4469
0.4373
P-3
3000K
(2870-3220K)
2870-3045K
y
0.3893
0.3859
0.4030
0.4082
0.3893
x
0.4687
0.4562
0.4660
0.4797
0.4687
Q-1
y
0.4295
0.4260
0.4452
0.4490
0.4295
x
0.4578
0.4469
0.4562
0.4687
0.4578
Q-2
y
0.4101
0.4082
0.4260
0.4295
0.4101
x
0.4476
0.4373
0.4469
0.4578
0.4476
Q-3
2720-2870K
y
0.3918
0.3893
0.4082
0.4101
0.3918
x
0.4813
0.4687
0.4797
0.4928
0.4813
R-1
y
0.4319
0.4295
0.4490
0.4510
0.4319
x
0.4698
0.4578
0.4687
0.4813
0.4698
R-2
y
0.4130
0.4101
0.4295
0.4319
0.4130
x
0.4593
0.4476
0.4578
0.4698
0.4593
R-3
2700K
(2580-2870K)
2580-2720K
y
0.3944
0.3918
0.4101
0.4130
0.3944
●
BIN: x
x
x
V F BI N CO DE
C o l o r B I N C O D E
I n t e n s i t y B I N C O D E
Notes:
1. Iv:Tolerance for each Bin limit is ± 10 %
2. Color:Tolerance for each Bin limit is ±0.005
3. Bin categories are established for classification of products.
Products may not be available in all bin categories



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com