Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4728G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4728G
Description  2-Phase Stepper-Motor Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4728G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4728G Datasheet HTML 1Page - Infineon Technologies AG TLE4728G Datasheet HTML 2Page - Infineon Technologies AG TLE4728G Datasheet HTML 3Page - Infineon Technologies AG TLE4728G Datasheet HTML 4Page - Infineon Technologies AG TLE4728G Datasheet HTML 5Page - Infineon Technologies AG TLE4728G Datasheet HTML 6Page - Infineon Technologies AG TLE4728G Datasheet HTML 7Page - Infineon Technologies AG TLE4728G Datasheet HTML 8Page - Infineon Technologies AG TLE4728G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TLE 4728 G
Data Sheet
5
2004-03-01
Note: Stresses above those listed here may cause permanent damage to the
device. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Absolute Maximum Ratings
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply voltage
V
S
– 0.3
45
V
–
Error outputs
V
Err
I
Err
– 0.3
–
45
3
V
mA
–
–
Output current
I
Q
– 1
1
A
–
Ground current
I
GND
– 2
–
A
–
Logic inputs
V
IXX
– 15
15
V
IXX; Phase 1, 2
Oscillator voltage
V
OSC
– 0.3
6
V
–
R
1, R2 input voltage
V
RX
– 0.3
5
V
–
Junction temperature
T
j
T
j
–
–
125
150
°C
°C
–
Max. 10,000 h
Storage temperature
T
stg
– 50
125
°C–
Thermal resistances
Junction-ambient
Junction-ambient
(soldered on a 35
µm thick
20 cm
2 PC board copper
area)
Junction-case
R
th ja
R
th ja
R
th jc
–
–
–
75
50
15
K/W
K/W
K/W
–
–
Measured on pin 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com