Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6368 Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 49Page - Infineon Technologies AG TLE6368 Datasheet HTML 50Page - Infineon Technologies AG TLE6368 Datasheet HTML 51Page - Infineon Technologies AG TLE6368 Datasheet HTML 52Page - Infineon Technologies AG TLE6368 Datasheet HTML 53Page - Infineon Technologies AG TLE6368 Datasheet HTML 54Page - Infineon Technologies AG TLE6368 Datasheet HTML 55Page - Infineon Technologies AG TLE6368 Datasheet HTML 56Page - Infineon Technologies AG TLE6368 Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
TLE 6368 / SONIC
Data Sheet, Rev. 1.32
53
2004-10-15
5.2.5
Bootstrap capacitor (C
BTP)
The voltage at the Bootstrap capacitor does not exceed 15V, a ceramic type with a
minimum of 2% of the buck output capacitance and voltage class 16V would be
sufficient.
5.2.6
External charge pump capacitors (C
FLY, CCCP)
Out of the feedback voltage the charge pump generates a voltage between 8 and 10V.
The fly capacitor connected between C+ and C- is charged with the feedback voltage
level and discharged to achieve the (almost) double voltage level at CCP. C
FLY is chosen
to 100nF and C
CCP to 220nF, both ceramic types.
The connection of CCP to a voltage source of e.g. 7V (take care of the maximum
ratings!) via a diode improves the start-up behavior at very low battery voltage. The diode
with the cathode on CCP has to be used in order to avoid any influence of the voltage
source to the device’s operation and vice versa.
5.2.7
Input filter components for reduced EME (C
I1, CI2, CI3, LI, RSlew)
At the input of Buck converters a square wave current is observed causing
electromagnetical interference on the battery line. The emission to the battery line
consists on one hand of components of the switching frequency (fundamental wave) and
its harmonics and on the other hand of the high frequency components derived from the
current slope. For proper attenuation of those interferers a
π-type input filter structure is
recommended which is built up with inductive (L
I) and capacitive components (CI1, CI2,
C
I3). The inductance can be chosen up to the value of the Buck converter inductance,
higher values might not be necessary, C
I1 and CI3 should be ceramic types and for CI2 an
input capacitance with very low ESR should be chosen and placed as close to the input
of the Buck converter as possible.
Inexpensive input filters show due to their parasitics a notch filter characteristic, which
means basically that the lowpass filter acts from a certain frequency as a highpass filter
and means further that the high frequency components are not attenuated properly. For
that reason the TLE 6368 G1 / SONIC offers the possibility of current slope adjustment.
The current transition time can be set by the external resistor (located on the SLEW pin)
to times between 20ns and 80ns by varying the resistor value between 0
Ω (fastest
transition) and 20k
Ω (slowest transition).
5.2.8
Feedback circuit for minimum switching loss (R
Boost, CBoost, DBoost)
To decrease the switching losses to a minimum the external components R
Boost, CBoost
and D
Boost are needed. The current though the feedback resistor RBoost is about a few mA
where the Diode D
Boost and the capacitor CBoost run a part of the load current.
If this feature is not needed the three components are not needed and the Boost pin (33)
can be connected directly to the IN pins(32, 30).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com