Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V19-W-5M-PVC-TP Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # V19-W-5M-PVC-TP
Description  Connection cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

V19-W-5M-PVC-TP Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  V19-W-5M-PVC-TP Datasheet HTML 1Page - Pepperl+Fuchs Inc. V19-W-5M-PVC-TP Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Cable
PVC
Core insulation
PVC
Cable
fine-strand, flexible
Sheath diameter
∅ 6.2 mm
Bending radius
> 15 x cable diameter, moving
> 6 x cable diameter, fixed
Color
grey
Cores
4 x 2 x 0.14 mm2
Shield
grid
Length
L
5 m
Connection Assignment
1
7
4
2
6
3
5
8
WH
BN
GN
YE
GY
PK
BU
RD
1
2
3
4
5
6
7
8
Shield
Connection cable
V19-W-5M-PVC-TP
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com